Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHVC1206-100KFT5 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # LHVC1206-100KFT5
Description  Lower Range High Voltage Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

LHVC1206-100KFT5 Datasheet(HTML) 2 Page - Welwyn Components Limited

  LHVC1206-100KFT5 Datasheet HTML 1Page - Welwyn Components Limited LHVC1206-100KFT5 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mounting
(nominal dimensions in mm)
Type
A
B
C
LHVC0805
1.0
0.8
1.50
LHVC1206
2.0
1.0
1.75
LHVC2010
4.0
1.2
2.75
Performance Data
Maximum
Load at rated power (1000hrs cyclic load at 70C)
R%
±3
De-rating from rated power at 70C
See Graph
Short term overload (6.25 x rated power for 5s)
R%
±2 (0805, 2010): ±3(1206)
Temperature rapid change (-55 / +155ºC, 5 cycles)
R%
±0.5 (1% tolerance chips): ±1 (5% tolerance chips)
Damp heat steady state
R%
±3
Insulation resistance
ohms
>1000MΩ
Power de-rating graph
Packaging
The standard packing for LHVC0805 and 1206 parts is on 8mm wide paper tapewound on 178mm diameter reels.
LHVC2010 parts are packed in plastic 12mm wide tape on a 178mm reel.
Ordering Procedure
Example: LHVC0805 at 100k ohms and 1% tolerance on reel of 5000 pieces:
LHVC0805 – 100K F T 5
Type
Value (use IEC62code)
Tolerance (use IEC62code)
F
1%
J
5%
Packing
T5
0805 / 1206
5,000 / reel
T4
Tape
2010
4,000 / reel
Standard
B
C
A
Proportion of Pr
T (°C)
100%
0%
-55
70
155
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Lower Range High Voltage Chip Resistors
LHVC series
Welwyn Components
02 . 08


Similar Part No. - LHVC1206-100KFT5

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
LHVC1206 TTELEC-LHVC1206 Datasheet
284Kb / 2P
   Resistance 50K to 10M
More results

Similar Description - LHVC1206-100KFT5

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
WBC-R0202CRAG-01-2004-KJ IRCTT-WBC-R0202CRAG-01-2004-KJ Datasheet
378Kb / 3P
   Wire Bondable High Range Chip Resistors
logo
Welwyn Components Limit...
HVC WELWYN-HVC Datasheet
227Kb / 3P
   High Voltage Chip Resistors
logo
Vishay Siliconix
CRHV VISHAY-CRHV Datasheet
175Kb / 2P
   High Voltage Chip Resistors
Revision: 02-Oct-14
logo
YAGEO Corporation
RV0603DR-0710KL YAGEO-RV0603DR-0710KL Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
logo
IRC - a TT electronics ...
TKC-HVC1206100K-K IRCTT-TKC-HVC1206100K-K Datasheet
295Kb / 2P
   High Voltage Chip Resistors
logo
Rohm
KTR18EZPJ335 ROHM-KTR18EZPJ335 Datasheet
426Kb / 5P
   High Voltage Resistance Chip Resistors
KTR10 ROHM-KTR10_08 Datasheet
73Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18 ROHM-KTR18_08 Datasheet
74Kb / 4P
   High Voltage Resistance Chip Resistors
KTR18EZPJ391 ROHM-KTR18EZPJ391 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ271 ROHM-KTR18EZPJ271 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com