Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5414TDKDQ1G4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TAS5414TDKDQ1G4
Description  FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5414TDKDQ1G4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5414TDKDQ1G4 Datasheet HTML 7Page - Texas Instruments TAS5414TDKDQ1G4 Datasheet HTML 8Page - Texas Instruments TAS5414TDKDQ1G4 Datasheet HTML 9Page - Texas Instruments TAS5414TDKDQ1G4 Datasheet HTML 10Page - Texas Instruments TAS5414TDKDQ1G4 Datasheet HTML 11Page - Texas Instruments TAS5414TDKDQ1G4 Datasheet HTML 12Page - Texas Instruments TAS5414TDKDQ1G4 Datasheet HTML 13Page - Texas Instruments TAS5414TDKDQ1G4 Datasheet HTML 14Page - Texas Instruments TAS5414TDKDQ1G4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
www.ti.com
TIMING REQUIREMENTS FOR I
2C INTERFACE SIGNALS
SCL
SDA
t
w(H)
t
w(L)
t
r
t
f
t
su1
t
h1
T0027-01
SCL
SDA
t
h2
t
(buf)
t
su2
t
su3
Start
Condition
Stop
Condition
T0028-01
TAS5414
TAS5424
SLOS514A – FEBRUARY 2007 – REVISED JULY 2007
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tr
Rise time for both SDA and SCL signals
1000
ns
tf
Fall time for both SDA and SCL signals
300
ns
tw(H)
SCL pulse duration, high
4
μs
tw(L)
SCL pulse duration, low
4.7
μs
tsu2
Setup time for START condition
4.7
μs
th2
START condition hold time after which first clock pulse is generated
4
μs
tsu1
Data setup time
250
ns
th1
Data hold time
0(1)
ns
tsu3
Setup time for STOP condition
4
μs
t(buf)
Time between a STOP and START condition
4.7
μs
CB
Load capacitance for each bus line
400
pF
(1)
A device must internally provide a hold time of at least 300 ns for the SDA signal to bridge the undefined region of the falling edge of
SCL.
Figure 1. SCL and SDA Timing
Figure 2. Timing for Start and Stop Conditions
11
Submit Documentation Feedback


Similar Part No. - TAS5414TDKDQ1G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414TDKDQ1G4 TI-TAS5414TDKDQ1G4 Datasheet
886Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results

Similar Description - TAS5414TDKDQ1G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414A TI1-TAS5414A_17 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI-TAS5414B-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414_0705 TI-TAS5414_0705 Datasheet
886Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414CTPHDRQ1 TI-TAS5414CTPHDRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414 TI-TAS5414 Datasheet
880Kb / 41P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A_08 Datasheet
1Mb / 48P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com