Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7448 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7448
Description  6 CHANNEL VOLUME CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7448 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7448_04 Datasheet HTML 2Page - STMicroelectronics TDA7448_04 Datasheet HTML 3Page - STMicroelectronics TDA7448_04 Datasheet HTML 4Page - STMicroelectronics TDA7448_04 Datasheet HTML 5Page - STMicroelectronics TDA7448_04 Datasheet HTML 6Page - STMicroelectronics TDA7448_04 Datasheet HTML 7Page - STMicroelectronics TDA7448_04 Datasheet HTML 8Page - STMicroelectronics TDA7448_04 Datasheet HTML 9Page - STMicroelectronics TDA7448_04 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TDA7448
6/14
5
SOFTWARE SPECIFICATION
Interface Protocol
The interface protocol comprises:
A start condition (S)
A chip address byte, containing the TDA7448 address
A subaddress bytes
A sequence of data (N byte + acknowledge)
A stop condition (P))
ACK = Acknowledge;
S = Start;
P = Stop;
A = Address;
B = Auto Increment
5.1 EXAMPLES
5.1.1 No Incremental Bus
The TDA7448 receives a start condition, the correct chip address, a subaddress with the B = 0 (no incremental
bus), N-data (all these data concern the subaddress selected), a stop condition.
5.1.2 Incremental Bus
The TDA7448 receivea start conditions, the correct chip address, a subaddress with the B = 1 (incremental bus):
now it is in a loop condition with an autoincrease of the subaddress whereas SUBADDRESS from "XXX1000"
to "XXX1111" of DATA are ignored.The DATA 1 concern the subaddress sent, and the DATA 2 concern the
subaddress sent plus one in the loop etc, and at the end it receivers the stop condition.
5.2 DATA BYTES
Address= 88 (HEX) (10001000): ADDR open; 8A (HEX) (10001010): connect to supply
Table 6. FUNCTION SELECTION: subaddress
B=1: INCREMENTAL BUS; ACTIVE
B=0: NO INCREMENTAL BUS
X= DON’T CARE
MSB
LSB
SUBADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
B
0
0
0
0
SPEAKER ATTENUATION OUT 1
X
X
X
B
0
0
0
1
SPEAKER ATTENUATION OUT 2
X
X
X
B
0
0
1
0
SPEAKER ATTENUATION OUT 3
X
X
X
B
0
0
1
1
SPEAKER ATTENUATION OUT 4
X
X
X
B
0
1
0
0
SPEAKER ATTENUATION OUT 5
X
X
X
B
0
1
0
1
SPEAKER ATTENUATION OUT 6
X
X
X
B
01
10
NOT USED”
X
X
X
B
01
11
NOT USED
S
1
0
0
0
1
0
0
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D96AU420
X
DATA
SUBADDRESS
DATA 1 to DATA n
X
X
B
S
1
0
0
0
1
0
0
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D96AU421
X
D3
SUBADDRESS
DATA
X
X
0
D2 D1 D0
S
1
0
0
0
1
0
0
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D96AU422
X
D3
SUBADDRESS
DATA 1 to DATA n
X
X
1
D2 D1 D0


Similar Part No. - TDA7448_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7448 STMICROELECTRONICS-TDA7448 Datasheet
353Kb / 13P
   6 CHANNEL VOLUME CONTROLLER
More results

Similar Description - TDA7448_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7448 STMICROELECTRONICS-TDA7448 Datasheet
353Kb / 13P
   6 CHANNEL VOLUME CONTROLLER
logo
Princeton Technology Co...
PT2258 PTC-PT2258_07 Datasheet
228Kb / 17P
   6-Channel Electronic Volume Controller IC
PT2258 PTC-PT2258 Datasheet
180Kb / 15P
   6-Channel Electronic Volume Controller IC
logo
SamHop Microelectronics...
SM7346 SAMHOP-SM7346 Datasheet
302Kb / 18P
   6 CHANNELS VOLUME CONTROLLER
logo
STMicroelectronics
AN1643 STMICROELECTRONICS-AN1643 Datasheet
187Kb / 7P
   6 CH VOLUME CONTROLLER
AN1656 STMICROELECTRONICS-AN1656 Datasheet
184Kb / 6P
   6 CH VOLUME CONTROLLER
logo
SamHop Microelectronics...
SM7347A SAMHOP-SM7347A Datasheet
215Kb / 15P
   6 CHANNELS VOLUME CONTROLLER
SM7347 SAMHOP-SM7347 Datasheet
218Kb / 15P
   6 CHANNELS VOLUME CONTROLLER
SM7346A SAMHOP-SM7346A Datasheet
311Kb / 19P
   6 CHANNELS VOLUME CONTROLLER
logo
Fujitsu Component Limit...
MB87077 FUJITSU-MB87077 Datasheet
535Kb / 13P
   6-bit, 4-channel Electronic Volume Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com