Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V4374128C24V Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # V4374128C24V
Description  1GB 168-PIN REGISTERED PLL ECC SDRAM DIMM 3.3 VOLT 128M x 72
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V4374128C24V Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button V4374128C24V Datasheet HTML 2Page - Mosel Vitelic, Corp V4374128C24V Datasheet HTML 3Page - Mosel Vitelic, Corp V4374128C24V Datasheet HTML 4Page - Mosel Vitelic, Corp V4374128C24V Datasheet HTML 5Page - Mosel Vitelic, Corp V4374128C24V Datasheet HTML 6Page - Mosel Vitelic, Corp V4374128C24V Datasheet HTML 7Page - Mosel Vitelic, Corp V4374128C24V Datasheet HTML 8Page - Mosel Vitelic, Corp V4374128C24V Datasheet HTML 9Page - Mosel Vitelic, Corp V4374128C24V Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
V4374128C24V Rev. 1.1 January 2002
MOSEL VITELIC
V4374128C24V
28
Minimum Row Active to Row Active Delay
tRRD
14 ns/15 ns/16 ns
0F
0F
0F
29
Minimum RAS to CAS Delay tRCD
15 ns/20 ns
0F
14
14
30
Minimum RAS Pulse Width tRAS
42 ns/45 ns
2A
2D
2D
31
Module Bank Density (Per Bank)
512 MByte
80
80
80
32
SDRAM Input Setup Time
1.5 ns/2.0 ns
15
15
20
33
SDRAM Input Hold Time
0.8 ns/1.0 ns
08
08
10
34
SDRAM Data Input Setup Time
1.5 ns/2.0 ns
15
15
20
35
SDRAM Data Input Hold Time
0.8 ns/1.0 ns
08
08
10
36-61
Superset Information (May be used in Fu-
ture)
00
00
00
62
SPD Revision
Revision 2/1.2
02
02
12
63
Checksum for Bytes 0 - 62
69
AD
1A
64
Manufacturer’s JEDEC ID Code
Mosel Vitelic
40
40
40
65-71
Manufacturer’s JEDEC ID Code (cont.)
00
00
00
72
Manufacturing Location
73-90
Module Part Number (ASCII)
V4374128C24V
91-92
PCB Identification Code
93
Assembly Manufacturing Date (Year)
94
Assembly Manufacturing Date (Week)
95-98
Assembly Serial Number
99-125
Reserved
00
00
00
126
Intel Specification for Frequency
64
64
64
127
Reserved
8D
8D
8D
128+
Unused Storage Location
00
00
00
SPD-Table: (Continued)
Byte Num-
ber
Function Described
SPD Entry Value
Hex Value
-75PC
-75
-10PC


Similar Part No. - V4374128C24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437432E24V MOSEL-V437432E24V Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437432E24VXTG-10PC MOSEL-V437432E24VXTG-10PC Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437432E24VXTG-75 MOSEL-V437432E24VXTG-75 Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437432E24VXTG-75PC MOSEL-V437432E24VXTG-75PC Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437432S24V MOSEL-V437432S24V Datasheet
267Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM ECC MODULE
More results

Similar Description - V4374128C24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437464C24V MOSEL-V437464C24V Datasheet
325Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE PC133 REGISTERED PLL ECC SDRAM MODULE
logo
Elpida Memory
EBE10RD4AGFA ELPIDA-EBE10RD4AGFA Datasheet
196Kb / 23P
   1GB Registered DDR2 SDRAM DIMM (128M words x 72 bits, 1 Rank)
logo
List of Unclassifed Man...
KVR133X72RC3 ETC2-KVR133X72RC3 Datasheet
83Kb / 1P
   PC133 Registered SDRAM 168-Pin ECC DIMM Memory Module
logo
Elpida Memory
EBE10RD4AEFA ELPIDA-EBE10RD4AEFA Datasheet
190Kb / 22P
   1GB Registered DDR2 SDRAM DIMM (128M words x 72 bits, 1 Rank)
EBE10RD4ABFA ELPIDA-EBE10RD4ABFA Datasheet
172Kb / 22P
   1GB Registered DDR2 SDRAM DIMM (128M words x 72 bits, 1 Rank)
logo
Mosel Vitelic, Corp
V437432E24V MOSEL-V437432E24V Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437464E24V MOSEL-V437464E24V Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
logo
White Electronic Design...
W3EG72126S-D3 WEDC-W3EG72126S-D3 Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
logo
Mosel Vitelic, Corp
V437216C04VDTG-10PC MOSEL-V437216C04VDTG-10PC Datasheet
221Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC100 REGISTER PLL ECC SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com