Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCH16543ADLR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCH16543ADLR
Description  16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCH16543ADLR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVCH16543ADLR Datasheet HTML 1Page - Texas Instruments SN74LVCH16543ADLR Datasheet HTML 2Page - Texas Instruments SN74LVCH16543ADLR Datasheet HTML 3Page - Texas Instruments SN74LVCH16543ADLR Datasheet HTML 4Page - Texas Instruments SN74LVCH16543ADLR Datasheet HTML 5Page - Texas Instruments SN74LVCH16543ADLR Datasheet HTML 6Page - Texas Instruments SN74LVCH16543ADLR Datasheet HTML 7Page - Texas Instruments SN74LVCH16543ADLR Datasheet HTML 8Page - Texas Instruments SN74LVCH16543ADLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
DGG, DGV, OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1OEAB
1LEAB
1CEAB
GND
1A1
1A2
VCC
1A3
1A4
1A5
GND
1A6
1A7
1A8
2A1
2A2
2A3
GND
2A4
2A5
2A6
VCC
2A7
2A8
GND
2CEAB
2LEAB
2OEAB
1OEBA
1LEBA
1CEBA
GND
1B1
1B2
VCC
1B3
1B4
1B5
GND
1B6
1B7
1B8
2B1
2B2
2B3
GND
2B4
2B5
2B6
VCC
2B7
2B8
GND
2CEBA
2LEBA
2OEBA
SN74LVCH16543A
16-BIT REGISTERED TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS317M – NOVEMBER 1993 – REVISED MARCH 2005
Member of the Texas Instruments Widebus™
Family
Operates From 1.65 V to 3.6 V
Inputs Accept Voltages to 5.5 V
Max tpd of 5.4 ns at 3.3 V
Typical VOLP (Output Ground Bounce) < 0.8 V
at VCC = 3.3 V, TA = 25°C
Typical VOHV (Output VOH Undershoot) > 2 V
at VCC = 3.3 V, TA = 25°C
Ioff Supports Partial-Power-Down Mode
Operation
Supports Mixed-Mode Signal Operation on All
Ports (5-V Input/Output Voltage With
3.3-V VCC)
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
Latch-Up Performance Exceeds 250 mA Per
JESD 17
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This 16-bit registered transceiver is designed for
1.65-V to 3.6-V VCC operation.
The SN74LVCH16543A can be used as two 8-bit
transceivers or one 16-bit transceiver. Separate
latch-enable (LEAB or LEBA) and output-enable
(OEAB or OEBA) inputs are provided for each
register, to permit independent control in either
direction of data flow.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube
SN74LVCH16543ADL
SSOP – DL
LVCH16543A
Tape and reel
SN74LVCH16543ADLR
TSSOP – DGG
Tape and reel
SN74LVCH16543ADGGR
LVCH16543A
–40
°C to 85°C
TVSOP – DGV
Tape and reel
SN74LVCH16543ADGVR
LDH543A
VFBGA – GQL
SN74LVCH16543AGQLR
Tape and reel
LDH543A
VFBGA – ZQL (Pb-free)
SN74LVCH16543AZQLR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVCH16543ADLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH16543ADL TI-SN74LVCH16543ADL Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVCH16543ADLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
   16-Bit Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com