Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

575T30HF Datasheet(PDF) 3 Page - CTS Corporation

Part # 575T30HF
Description  Temperature Compensated Crystal Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

575T30HF Datasheet(HTML) 3 Page - CTS Corporation

  575T30HF Datasheet HTML 1Page - CTS Corporation 575T30HF Datasheet HTML 2Page - CTS Corporation 575T30HF Datasheet HTML 3Page - CTS Corporation 575T30HF Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document No. 008-0307-0
Page 3 - 4
Rev. A
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model 575
7x5mm Ceramic Package
Clipped Sinewave VCTCXO
MECHANICAL SPECIFICATIONS
PACKAGE DRAWING
MARKING INFORMATION
1
(0.8 ±0.1)
0.031 ±0.004
4
3
2
Inch
(mm)
Key:
(1.9 ±0.1)
0.075 ±0.004
(1.4 ±0.1)
0.197 ±0.008
(5.0 ±0.2)
0.079
0.276 ±0.008
0.055 ±0.004
0.106 ±0.004
(2.7 ±0.1)
(7.0 ±0.2)
MAX
(2.0)
0.012 ±0.004
(0.3 ±0.1)
{Pads 1 - 4}
{Pads 1 - 4}
NOTES
1. DO NOT make connections to non-labeled pins.
Castellation pins may have internal connections used in the
manufacturing process.
2. Termination pads (e4), barrier-plating is nickel (Ni) with
gold (Au) flash plate.
3. Reflow conditions per JEDEC J-STD-020.
SUGGESTED SOLDER PAD GEOMETRY
SUGGESTED REFLOW PROFILE
.165 [4.20]
Key:
[mm]
Inch
12
3
4
C BYPASS
.071 [1.80]
.225 [5.71]
.047 [1.20]
0
100
200
300
0
30
60
90
120
150
180
210
240
270
300
Time (Seconds)
Temp.
(°C)
Maximum 260°C, 10 seconds
Typical 245°C
130°C
CBYPASS should be ≥ 0.01 uF.
TEST CIRCUIT, RL//CL LOAD
POWER
SUPPLY
+
-
+
-
-
+
VM
mA
0.01uF
D.U.T.
43
12
10K
Including probe
capacitance.
Control Voltage
10pF
D.U.T. PIN ASSIGNMENTS
PIN
SYMBOL
DESCRIPTION
1
VC
Control Voltage (Note 1)
2
GND
Circuit & Package Ground
3
Output
Clipped Sine Wave Output
4
VCC
Supply Voltage
Note:
1. Connect to ground for TCXO (no AFC) option.
1. C – CTS and Pin 1 identifier.
2. XXX – Frequency. See Table I for codes.
3. YM – Date code, Y – year, M – month, see
Table II for codes.
CXXX YM
TABLE I - FREQUENCY CODING
Frequency
Marking Code
Frequency
Marking Code
10.0 MHz
100
19.2 MHz
192
12.8 MHz
128
19.44 MHz
194
13.0 MHz
130
19.68 MHz
196
14.4 MHz
144
19.8 MHz
198
15.36 MHz
153
20.0 MHz
200
16.8 MHz
168
26.0 MHz
260
TABLE II – DATE CODE
Year
Month
4 = 2004
1 = January
7 = July
5 = 2005
2 = February
8 = August
6 = 2006
3 = March
9 = September
7 = 2007
4 = April
10 = October
8 = 2008
5 = May
11 = November
9 = 2009
6 = June
12 = December


Similar Part No. - 575T30HF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
575 LITTELFUSE-575 Datasheet
92Kb / 1P
   SUBMINIATURE FUSEHOLDERS
logo
Intersil Corporation
575-4 INTERSIL-575-4 Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
logo
Vishay Siliconix
575-4 VISHAY-575-4 Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
575-4 VISHAY-575-4 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
logo
Texas Instruments
575-4 TI1-575-4 Datasheet
574Kb / 13P
[Old version datasheet]   DRV411EVM Users Guide
More results

Similar Description - 575T30HF

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com