Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74BCT640DWG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74BCT640DWG4
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT640DWG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74BCT640DWG4 Datasheet HTML 1Page - Texas Instruments SN74BCT640DWG4 Datasheet HTML 2Page - Texas Instruments SN74BCT640DWG4 Datasheet HTML 3Page - Texas Instruments SN74BCT640DWG4 Datasheet HTML 4Page - Texas Instruments SN74BCT640DWG4 Datasheet HTML 5Page - Texas Instruments SN74BCT640DWG4 Datasheet HTML 6Page - Texas Instruments SN74BCT640DWG4 Datasheet HTML 7Page - Texas Instruments SN74BCT640DWG4 Datasheet HTML 8Page - Texas Instruments SN74BCT640DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN54BCT640, SN74BCT640
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS025C – SEPTEMBER 1988 – REVISED APRIL 1994
Copyright
© 1994, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
State-of-the-Art BiCMOS Design
Substantially Reduces Standby Current
Outputs Have Undershoot-Protection
Circuitry
Power-Up High-Impedance State
Buffered Control Inputs to Reduce DC
Loading Effects
ESD Protection Exceeds 2000 V
Per MIL-STD-883C, Method 3015
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK) and Flatpacks (W), and
Plastic and Ceramic 300-mil DIPs (J, N)
description
The
′BCT640 bus transceiver is designed for
asynchronous
communication
between
data
buses. These devices transmit data from the A
bus to the B bus or from the B bus to the A bus
depending upon the level at the direction-control
(DIR) input. The output-enable (OE) input can be
used to disable the device so that the buses are
effectively isolated.
The SN54BCT640 is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The SN74BCT640 is characterized for
operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OPERATION
OE
DIR
OPERATION
L
L
B data to A bus
L
HA data to B bus
H
X
Isolation
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
SN54BCT640 ...J OR W PACKAGE
SN74BCT640 . . . DW OR N PACKAGE
(TOP VIEW)
32
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
B1
B2
B3
B4
B5
A3
A4
A5
A6
A7
SN54BCT640 . . . FK PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74BCT640DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT640DWG4 TI-SN74BCT640DWG4 Datasheet
621Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74BCT640DWG4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com