Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABT652ADWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT652ADWR
Description  OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT652ADWR Datasheet(HTML) 1 Page - Texas Instruments

  SN74ABT652ADWR Datasheet HTML 1Page - Texas Instruments SN74ABT652ADWR Datasheet HTML 2Page - Texas Instruments SN74ABT652ADWR Datasheet HTML 3Page - Texas Instruments SN74ABT652ADWR Datasheet HTML 4Page - Texas Instruments SN74ABT652ADWR Datasheet HTML 5Page - Texas Instruments SN74ABT652ADWR Datasheet HTML 6Page - Texas Instruments SN74ABT652ADWR Datasheet HTML 7Page - Texas Instruments SN74ABT652ADWR Datasheet HTML 8Page - Texas Instruments SN74ABT652ADWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SN54ABT652A, SN74ABT652A
OCTAL REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS072F – JANUARY 1991 – REVISED MAY 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Latch-Up Performance Exceeds 500 mA Per
JEDEC Standard JESD-17
D Typical VOLP (Output Ground Bounce)
< 1 V at VCC = 5 V, TA = 25°C
D High-Drive Outputs (–32-mA IOH, 64-mA IOL)
D Package Options Include Plastic
Small-Outline (DW), Shrink Small-Outline
(DB), and Thin Shrink Small-Outline (PW)
Packages, Ceramic Chip Carriers (FK),
Ceramic Flat (W) Package, and Plastic (NT)
and Ceramic (JT) DIPs
description
These devices consist of bus-transceiver circuits,
D-type flip-flops, and control circuitry arranged for
multiplexed transmission of data directly from the
data bus or from the internal storage registers.
Output-enable (OEAB and OEBA) inputs are
provided to control the transceiver functions.
Select-control (SAB and SBA) inputs are provided
to select either real-time or stored data for
transfer. The circuitry used for select control
eliminates the typical decoding glitch that occurs
in a multiplexer during the transition between
stored and real-time data. A low input selects
real-time data, and a high input selects stored
data. Figure 1 illustrates the four fundamental
bus-management
functions
that
can
be
performed with the ’ABT652A.
Data on the A- or B-data bus, or both, can be stored in the internal D-type flip-flops by low-to-high transitions
at the appropriate clock (CLKAB or CLKBA) inputs, regardless of the select- or enable-control inputs. When SAB
and SBA are in the real-time transfer mode, it is possible to store data without using the internal D-type flip-flops
by simultaneously enabling OEAB and OEBA. In this configuration, each output reinforces its input. When all
other data sources to the two sets of bus lines are at high impedance, each set of bus lines remains at its last
state.
To ensure the high-impedance state during power up or power down, OEBA should be tied to VCC through a
pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver
(B to A). OEAB should be tied to GND through a pulldown resistor; the minimum value of the resistor is
determined by the current-sourcing capability of the driver (A to B).
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.
SN54ABT652A . . . JT OR W PACKAGE
SN74ABT652A . . . DB, DW, NT, OR PW PACKAGE
(TOP VIEW)
SN54ABT652A . . . FK PACKAGE
(TOP VIEW)
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
OEBA
B1
B2
NC
B3
B4
B5
A1
A2
A2
NC
A4
A5
A6
426
14 15 16 17 18
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CLKAB
SAB
OEAB
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
CLKBA
SBA
OEBA
B1
B2
B3
B4
B5
B6
B7
B8
NC – No internal connection


Similar Part No. - SN74ABT652ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT652ADWR TI-SN74ABT652ADWR Datasheet
450Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT652ADWR TI-SN74ABT652ADWR Datasheet
498Kb / 23P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT652ADWRE4 TI-SN74ABT652ADWRE4 Datasheet
450Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT652ADWRE4 TI-SN74ABT652ADWRE4 Datasheet
498Kb / 23P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT652ADWRG4 TI-SN74ABT652ADWRG4 Datasheet
498Kb / 23P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT652ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT544 TI-SN54BCT544 Datasheet
89Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A Datasheet
450Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A_07 Datasheet
485Kb / 21P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT543 TI-SN54BCT543_08 Datasheet
447Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A_08 Datasheet
606Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74BCT543 TI-SN74BCT543 Datasheet
303Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A_07 Datasheet
498Kb / 23P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543 TI1-SN54ABT543 Datasheet
140Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A Datasheet
435Kb / 18P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT543 TI-SN54BCT543 Datasheet
100Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com