Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHF1201KSO2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # RHF1201KSO2
Description  Rad-hard 12-bit 0.5 to 50 Msps A/D converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1201KSO2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RHF1201KSO2 Datasheet HTML 6Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 7Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 8Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 9Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 10Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 11Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 12Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 13Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Application information
RHF1201
10/18
Output enable (OEB)
When set to low level (VIL), all digital outputs remain active and are in low impedance state.
When set to high level (VIH), all digital output buffers are in high impedance state while the
converter goes on sampling. When OEB is set to a low level again, the data arrives on the
output with a very short Ton delay. This mechanism allows the chip select of the device.
Figure 3: Timing diagram on page 5 summarizes this functionality.
Slew rate control (SRC)
When set to high level (VIH), all digital output currents are limited to a clamp value so that
digital noise power is reduced to the minimum. When set to low level (VIL), the output edges
are twice as fast.
Out of range (OR)
This function is implemented on the output stage in order to set an “Out of Range” flag
whenever the digital data is over the full scale range.
Typically, there is a detection of all the data at ’0’ or all the data at ’1’. It sets an output signal
OR which is in low level state (VOL) when the data stays within the range, or in high level
state (VOH) when the data is out of range.
Data ready (DR)
The Data Ready output is an image of the clock being synchronized on the output data (D0
to D11). This is a very helpful signal that simplifies the synchronization of the measurement
equipment or of the controlling DSP.
As all other digital outputs, DR goes into high impedance state when OEB is set to high level
as shown in Figure 3: Timing diagram on page 5.
7.2
Driving the analog input
7.2.1
Differential inputs
The RHF1201is designed to obtain optimum performance when driven on differential inputs.
An RF transformer is an efficient way of achieving this high performance.
Figure 4: Differential input configuration describes the schematics. The input signal is fed to
the primary of the transformer, while the secondary drives both ADC inputs. The common
mode voltage of the ADC (INCM) is connected to the center-tap of the secondary of the
transformer in order to bias the input signal around this common voltage, internally set close
to 0.5V. The INCM is de-coupled to maintain a low noise level on this node. Our evaluation
board is mounted with a 1:1 ADT1-1 transformer from Minicircuits. You might also use a
higher impedance ratio (1:2 or 1:4) to reduce the driving requirement on the analog signal
source.
Each analog input can drive a 1 Vpp amplitude input signal, so the resulting differential
amplitude is 2 Vpp.


Similar Part No. - RHF1201KSO2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF1201 STMICROELECTRONICS-RHF1201_11 Datasheet
1Mb / 34P
   Rad-hard 12-bit 50 Msps A/D converter
More results

Similar Description - RHF1201KSO2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF1201 STMICROELECTRONICS-RHF1201_11 Datasheet
1Mb / 34P
   Rad-hard 12-bit 50 Msps A/D converter
RHF1401 STMICROELECTRONICS-RHF1401_12 Datasheet
3Mb / 42P
   Rad-hard 14-bit 30 Msps A/D converter
logo
National Semiconductor ...
ADC121S101 NSC-ADC121S101_06 Datasheet
727Kb / 17P
   Single Channel, 0.5 to Msps, 12-Bit A/D Converter
logo
Texas Instruments
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
logo
Analog Devices
AD1672 AD-AD1672_17 Datasheet
96Kb / 7P
   12-BIT, 3 MSPS, A TO D CONVERTER
logo
STMicroelectronics
RHF1401 STMICROELECTRONICS-RHF1401 Datasheet
453Kb / 29P
   Rad-hard 14-bit 20Msps 85mW A/D converter
LEOAD128 STMICROELECTRONICS-LEOAD128 Datasheet
589Kb / 20P
   Rad-hard plastic 8-channel, 1 Msps 12-bit ADC
September 2021 Rev 2
logo
Texas Instruments
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Rohm
BD79104MUF-M ROHM-BD79104MUF-M Datasheet
1Mb / 25P
   Successive Approximation A/D Converter 12 bit, 0.5 MSPS to 1 MSPS, 8-channel, SPI Interface
12.Jan.2023 Rev.001
logo
National Semiconductor ...
ADC128S102QML NSC-ADC128S102QML Datasheet
526Kb / 22P
   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com