Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C2404A-1 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C2404A-1
Description  Zero-Delay Clock Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2404A-1 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C2404A-1 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2404A-1 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2404A-1 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2404A-1 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2404A-1 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2404A-1 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS8609A
01/13/05
Features
• Maximumratedfrequency:133MHz
• Low cycle-to-cycle jitter
• Input to output delay, less than 200ps
• External feedback pin allows outputs to be synchronized
to the clock input
• 5V tolerant input*
• Operates at 3.3V V
DD
• Test mode allows bypass of the PLL for system testing
purposes (e.g., IBIS measurements)
• Space-saving Packaging (Pb-free and Green Available):
— 8-pin, 150-mil SOIC (W)
Description
The PI6C2404A-1 is a PLL-based, zero-delay buffer, with the ability
to distribute four outputs of up to 133 MHz at 3.3V. Two banks of
two outputs exist, OUTA[1–2] and OUTB[1–2].
An external feedback pin is used to synchronize the outputs to the
input; the relationship between loading of this signal and the other
outputs determines the input-output delay.
The PI6C2404A-1 is characterized for both commercial and industrial
operation.
Block Diagram
PinConfiguration
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Zero-Delay Clock Buffer
PI6C2404A-1
* FB_IN and CLKIN must reference the same voltage thresh-
olds for the PLL to deliver zero delay skewing
1
2
3
GND
4
OUTA2
FB_IN
OUTB2
OUTB1
8
7
6
5
CLKIN
OUTA1
VDD
8-Pin
W
n
i
Pl
a
n
g
i
Sn
o
i
t
p
i
r
c
s
e
D
1N
I
K
L
C
)
n
w
o
d
-
l
l
u
p
k
a
e
w
(
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
k
c
o
l
c
t
u
p
n
I
3
,
2]
2
-
1
[
A
T
U
OA
k
n
a
B
,
t
u
p
t
u
o
k
c
o
l
C
7V D
D
y
l
p
p
u
s
V
3
.
3
4D
N
Gd
n
u
o
r
G
6
,
5]
2
-
1
[
B
T
U
OB
k
n
a
B
,
t
u
p
t
u
o
k
c
o
l
C
8N
I
_
B
Ft
u
p
n
i
k
c
a
b
d
e
e
f
L
L
P
Pin Description
PLL
CLKIN
FB_IN
OUTA1
OUTA2
OUTB2
OUTB1
06-0036


Similar Part No. - PI6C2404A-1

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
More results

Similar Description - PI6C2404A-1

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A Datasheet
465Kb / 7P
   Zero-Delay Clock Buffer
PI6C2408 PERICOM-PI6C2408 Datasheet
199Kb / 10P
   Zero-Delay Clock Buffer
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com