Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16836ATE+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX16836ATE+
Description  High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16836ATE+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX16836ATE+ Datasheet HTML 3Page - Maxim Integrated Products MAX16836ATE+ Datasheet HTML 4Page - Maxim Integrated Products MAX16836ATE+ Datasheet HTML 5Page - Maxim Integrated Products MAX16836ATE+ Datasheet HTML 6Page - Maxim Integrated Products MAX16836ATE+ Datasheet HTML 7Page - Maxim Integrated Products MAX16836ATE+ Datasheet HTML 8Page - Maxim Integrated Products MAX16836ATE+ Datasheet HTML 9Page - Maxim Integrated Products MAX16836ATE+ Datasheet HTML 10Page - Maxim Integrated Products MAX16836ATE+ Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Other Applications
The application circuit in Figure 6 implements a two-
level brightness current for TAIL/STOP lights. In TAIL
operation, Q1 is off and the R1 sets the output current.
In STOP operation, Q1 turns on and the output current
is set by a parallel combination of R1 and R2.
Figure 7 shows an application circuit with the
MAX16836 using a single BJT to provide high output
current. For proper operation:
VIN(MIN) > VCESAT(MAX) + VFT(MAX) + VSENSE
where VCESAT(MAX) is the maximum saturation voltage
of the external BJT.
High-Voltage, 350mA, High-Brightness LED
Driver with PWM Dimming and 5V Regulator
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_
9
IN
EN
V5
DIM
CS-
CS+
OUT
GND
R2
C1
TAIL
STOP
V5
R1
MAX16836
C2
LEDs
Q1
Figure 6. Two Brightness Level with Current Level Switch for Tail/Stop Lights
IN
EN
DIM
CS-
CS+
OUT
GND
RSENSE
LEDs
Q1
C1
VIN
V5
PWM DIMMING
MAX16836
C2
Figure 7. Increased LED Current (Ampere Range) with a Single BJT


Similar Part No. - MAX16836ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16836ATE++ MAXIM-MAX16836ATE+ Datasheet
182Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
More results

Similar Description - MAX16836ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803 Datasheet
327Kb / 12P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 0; 5/06
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16836 MAXIM-MAX16836_09 Datasheet
182Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
logo
Diodes Incorporated
AL9902 DIODES-AL9902 Datasheet
729Kb / 18P
   LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
logo
Maxim Integrated Produc...
MAX16835 MAXIM-MAX16835 Datasheet
155Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 1; 5/08
logo
Zetex Semiconductors
ZXLD1352 ZETEX-ZXLD1352 Datasheet
655Kb / 22P
   350mA LED driver with internal switch and enhanced PWM dimming range
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com