Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB15F86UL Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB15F86UL
Description  Fractional-N PLL Frequency Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB15F86UL Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB15F86UL Datasheet HTML 3Page - Fujitsu Component Limited. MB15F86UL Datasheet HTML 4Page - Fujitsu Component Limited. MB15F86UL Datasheet HTML 5Page - Fujitsu Component Limited. MB15F86UL Datasheet HTML 6Page - Fujitsu Component Limited. MB15F86UL Datasheet HTML 7Page - Fujitsu Component Limited. MB15F86UL Datasheet HTML 8Page - Fujitsu Component Limited. MB15F86UL Datasheet HTML 9Page - Fujitsu Component Limited. MB15F86UL Datasheet HTML 10Page - Fujitsu Component Limited. MB15F86UL Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
MB15F86UL
7
(Continued)
(VCC
= 2.7 V to 3.6 V, Ta = −40 °C to +85 °C)
*1 : Conditions ; fosc
= 13 MHz, Ta = +25 °C in locking state.
*2 : VCCIF
= VpIF = VCCRF = VpRF = 3.0 V, fosc = 13 MHz, Ta = +25 °C, in power saving mode.
*3 : AC coupling. 1000 pF capacitor is connected.
*4 : The symbol “–” (minus) means direction of current flow.
*5 : VCC
= Vp = 3.0 V, Ta = +25 °C (||I3| − |I4||) / [ (|I3| + |I4|) / 2] × 100 (%)
*6 : VCC
= Vp = 3.0 V, Ta = +25 °C [ (||I2| − |I1||) / 2] / [ (|I1| + |I2|) / 2] × 100 (%) (Applied to each lDOL and lDOH)
*7 : VCC
= Vp = 3.0 V, [ (||IDO(85C)| − |IDO(–40C)||) / 2] / [ (|IDO(85C)| + |IDO(–40C)|) / 2] × 100 (%) (Applied to each IDOL and IDOH)
*8 : In case of *fmax
= 2500 MHz, the following conditions must be fulfilled. Except for it, fmax is up to 2000 MHz.
Prescaler ratio
= 32 (N > P) at all divide ratio of used operating frequency.
Refer to a calculation formula of divide ratio. fVCORF
= (P×N+A+F/Q) ×fOSC/R
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
“H” level output
current
DoIF
DoRF
IDOH *4
VCC
= Vp = 3.0 V
VDOH
= Vp / 2
Ta
= +25 °C
CS bit
= “H”
−8.2
−6.0
−4.1
mA
CS bit
= “L”
−2.2
−1.5
−0.8
mA
“L” level output
current
IDOL
VCC
= Vp = 3.0 V
VDOL
= Vp / 2
Ta
= +25 °C
CS bit
= “H”
4.1
6.0
8.2
mA
CS bit
= “L”
0.8
1.5
2.2
mA
Charge pump
current rate
IDOL/IDOH IDOMT *5
VDO
= Vp / 2
3
%
vs VDO
IDOVD *6
0.5 V
≤ VDO ≤ Vp − 0.5 V
10
%
vs Ta
IDOTA *7
−40 °C ≤ Ta ≤ +85 °C,
VDO
= Vp / 2
5
%
IDOL
I1
I3
I2
I1
I4
I2
0.5
Vp/2
Vp
− 0.5
Vp
IDOH
output voltage (V)


Similar Part No. - MB15F86UL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F83UL FUJITSU-MB15F83UL Datasheet
304Kb / 29P
   Fractional-N PLL Frequency Synthesizer
MB15F83ULPFT FUJITSU-MB15F83ULPFT Datasheet
304Kb / 29P
   Fractional-N PLL Frequency Synthesizer
MB15F83ULPVA FUJITSU-MB15F83ULPVA Datasheet
304Kb / 29P
   Fractional-N PLL Frequency Synthesizer
MB15F88UL FUJITSU-MB15F88UL Datasheet
315Kb / 29P
   Fractional-N PLL Frequency Synthesizer
MB15F88ULPFT FUJITSU-MB15F88ULPFT Datasheet
315Kb / 29P
   Fractional-N PLL Frequency Synthesizer
More results

Similar Description - MB15F86UL

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
E421371 FUJI-E421371 Datasheet
323Kb / 29P
   Fractional-N PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB15F88UL FUJITSU-MB15F88UL Datasheet
315Kb / 29P
   Fractional-N PLL Frequency Synthesizer
MB15F83UL FUJITSU-MB15F83UL Datasheet
304Kb / 29P
   Fractional-N PLL Frequency Synthesizer
logo
Analog Devices
EVAL-ADF4153EB1 AD-EVAL-ADF4153EB1 Datasheet
204Kb / 8P
   Evaluation Board For Fractional-N PLL Frequency Synthesizer
REV.PrA 03/03
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com