Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAS9180A1TC00 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9180A1TC00
Description  AM Receiver IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9180A1TC00 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9180A1TC00 Datasheet HTML 1Page - Micro Analog systems MAS9180A1TC00 Datasheet HTML 2Page - Micro Analog systems MAS9180A1TC00 Datasheet HTML 3Page - Micro Analog systems MAS9180A1TC00 Datasheet HTML 4Page - Micro Analog systems MAS9180A1TC00 Datasheet HTML 5Page - Micro Analog systems MAS9180A1TC00 Datasheet HTML 6Page - Micro Analog systems MAS9180A1TC00 Datasheet HTML 7Page - Micro Analog systems MAS9180A1TC00 Datasheet HTML 8Page - Micro Analog systems MAS9180A1TC00 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1 (15)
DA9180.004
15 September, 2005
MAS9180
AM Receiver IC
• Single Band Receiver IC
• High Sensitivity
• Very Low Power Consumption
• Wide Supply Voltage Range
• Power Down Control
• Control for AGC On
• High Selectivity by Crystal Filter
• Fast Startup Feature
DESCRIPTION
The MAS9180 AM-Receiver chip is a highly sensitive,
simple to use AM receiver specially intended to receive
time signals in the frequency range from 40 kHz to 100
kHz. Only a few external components are required for
time signal receiver. The circuit has preamplifier, wide
range automatic gain control, demodulator and output
comparator built in. The output signal can be
processed directly by an additional digital circuitry to
extract the data from the received signal. The control
for AGC (automatic gain control) can be used to switch
AGC on or off if necessary.
MAS9180 has both differential and asymmetric input
options and also options for compensating shunt
capacitances of different crystals (See ordering
information on page 15).
FEATURES
APPLICATIONS
Single Band Receiver IC
Highly Sensitive AM Receiver, 0.4
µVRMS typ.
Wide Supply Voltage Range from 1.1 V to 5.5 V
Very Low Power Consumption
Power Down Control
Fast Startup
Only a Few External Components Necessary
Control for AGC On
Wide Frequency Range from 40 kHz to 100 kHz
High Selectivity by Quartz Crystal Filter
Both Differential and Asymmetric Input Versions
Crystal Compensation Capacitance Options
Single Band Time Signal Receiver WWVB (USA),
JJY (Japan), DCF77 (Germany), MSF (UK), HGB
(Switzerland) and BPC (China)
BLOCK DIAGRAM
AGC Amplifier
Power Supply/Biasing
Demodulator
&
Comparator
RFIP
RFIM
VDD
VSS
PDN
AGC
DEC
OUT
QOP
QI
QOM
AON


Similar Part No. - MAS9180A1TC00

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9181B MAS-MAS9181B Datasheet
175Kb / 9P
   OCTAL 8 BIT TRIMMER IC
MAS9181BN MAS-MAS9181BN Datasheet
175Kb / 9P
   OCTAL 8 BIT TRIMMER IC
MAS9181C MAS-MAS9181C Datasheet
175Kb / 9P
   OCTAL 8 BIT TRIMMER IC
MAS9181CS MAS-MAS9181CS Datasheet
175Kb / 9P
   OCTAL 8 BIT TRIMMER IC
MAS9184A MAS-MAS9184A Datasheet
132Kb / 9P
   12 X 8-bit D to A Converter
More results

Similar Description - MAS9180A1TC00

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
   AM Receiver IC
MAS9078 MAS-MAS9078 Datasheet
208Kb / 10P
   AM Receiver IC
MAS6180B MAS-MAS6180B Datasheet
327Kb / 14P
   AM Receiver IC
MAS9179 MAS-MAS9179 Datasheet
164Kb / 9P
   AM Receiver IC
MAS6179 MAS-MAS6179 Datasheet
130Kb / 10P
   AM Receiver IC
MAS6180 MAS-MAS6180 Datasheet
128Kb / 9P
   AM Receiver IC
MAS6180C MAS-MAS6180C_14 Datasheet
279Kb / 12P
   AM Receiver IC
MAS6180B MAS-MAS6180B_14 Datasheet
307Kb / 13P
   AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com