Part Name
         Description
CVXO-030S

 Voltage Controlled Crystal Oscillator 8 & 14 Pin Dip, 3.3V, HCMOS ( 1 Page)


CRYSTEKCRYSTAL
100% 
Zoom Out Zoom In
   
 1 page
background image
TD-02078 Rev.C
PWR
Supply
mA
M
VM
OSC.
pin 1
pin 8
or 14
pin 4
or 7
pin 5
or 8
O/P Load
incl Probe Cl
OUT
GND
OUT
Vdd
Cont
Specifications subject to change without notice.
Aging:
Designed to meet today's
requirements for
economical solutions.
8 & 14 Pin Dip,
3.3V, HCMOS
CVXO-030S & 030 Models
1MHz to 200MHz
±10ppm to ±100ppm
See Table 1
-55°C to 120°C
3.3V ± 0.3V
1.65V ± 1.65V
100mA Max @ 200MHz
HCMOS
40/60% Max @ 50% Vdd
45/55% Max
4ns Typ, 10ns Max
See Table 2
(50ppm Min, 150ppm Max Std.)
"0" = 10% Vdd Max
"1" = 90% Vdd Min
15pF Max
± 10% Max
Frequency Range:
Frequency Stability:
Temperature Range:
Storage:
Input Voltage:
Control Voltage:
Input Current:
Output:
Symmetry:
(Option Y)
Rise/Fall Time:
Control Range:
Output Voltage:
Load:
Linearity:
CVXO-030 A A Y - 25 - 44.768
Crystek Part Number Guide for 14 pin
#1
#2
#3
#4
#7
#6
#5
#1 Crystek VCXO
#2 Model
#3 Temp. Range: (see table 1)
#4 Control Range: (see table 2)
#5 Symmetry: (Blank = 40/60, Y=45/55)
#6 Stability: (see table 1, Blank = 100ppm)
#7 Frequency in MHz: 3 or 6 decimal places
Example:
CVXO-030AAY-25-25.000 = 3.3V VCXO, 0/50°C,
±30ppm Max Pull, 45/55, 25ppm, 25.000 MHz
CVXO-030ED-19.660800 = 3.3V VCXO, -20/70,
±100ppm Min Pull, 40/60, 100ppm, 19.660800 MHz
Table 1
Operating
Temperature
Freq. Stability
(± ppm)
0°C to 50°C
-10°C to 60°C
0°C to 70°C
-10°C to 70°C
-20°C to 70°C
-30°C to 60°C
-40°C to 85°C
10
20
20
20
20
25
25
25
25
25
25
50
50
50
50
50
50
50
A
B
C
D
E
F
G
100
100
100
100
100
100
100
25
10
10
CVXO-030S A A Y - 25 - 44.768
Crystek Part Number Guide 8 pin
#1
#2
#3
#4
#7
#6
#5
#1 Crystek VCXO
#2 Model
#3 Temp. Range: (see table 1)
#4 Control Range: (see table 2)
#5 Symmetry: (Blank = 40/60, Y=45/55)
#6 Stability: (see table 1, Blank = 100ppm)
#7 Frequency in MHz: 3 or 6 decimal places
Example:
CVXO-030SAAY-25-25.000 = 3.3V VCXO, 0/50°C,
±30ppm Max Pull, 45/55, 25ppm, 25.000 MHz
CVXO-030SED-19.660800 = 3.3V VCXO, -20/70,
±100ppm Min Pull, 40/60, 100ppm, 19.660800 MHz
CONTROL RANGE OPTIONS
Table 2
A
20ppm Typ, 30ppm Max
30ppm Min
50ppm Min
100ppm Min
150ppm Min
200ppm Min
B
C
D
E
F
(STD) 50ppm Min, 150ppm Max
150ppm Min, 250ppm Max
200ppm Min, 300ppm Max
G
H
I
**Custom Designs Available
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
<3ppm 1st/yr, 1ppm every year thereafter
22
Voltage Controlled
Crystal Oscillator
CVXO-030
.750
(19.05)
.820
(20.83)
.450
(11.43)
.520
(13.21)
CRYSTEK
Part Number
Frequency
Date Code
.600
(15.24)
.300
(7.62)
1
14
7
8
.200
(5.08)
.260
(6.60)
.200
(5.08)
.260
(6.60)
.300
(7.62)
.300
(7.62)
Pin
1
Pin
8
Pin
4
Pin
5
CRYSTEK
P/N
Frequency
DC
.450
(11.43)
.520
(13.21)
CVXO-030S
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t



Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CVXO-014014SVoltage Controlled Crystal Oscillator 8 & 14 Pin Dip 5V HCMOS/TTL 1 Crystek Corporation
CVXO-018TVoltage Controlled Crystal Oscillator 5X7 mm SMD 3.3V HCMOS 1 Crystek Corporation
ASFLV3.3Vdc HCMOS SMD VOLTAGE CONTROLLED CRYSTAL OSCILLATOR 1 2 Abracon Corporation
CCO-030S8 & 14 Pin Dip 3.3V HCMOS Clock Oscillator 1 Crystek Corporation
CVHD-960Low Jitter High Pull Voltage Controlled Crystal Oscillator 9X14 mm SMD 3.3V CMOS 1 Crystek Corporation
CVPD-914Differential LVPECL Voltage Controlled Crystal Oscillator 9X14 mm SMD 3.3V LVPECL 1 Crystek Corporation
CVPD-920Differential LVPECL Voltage Controlled Crystal Oscillator 9X14 mm SMD 3.3V LVPECL 1 Crystek Corporation
ACT9SVH-6a 6-pad miniature SMD Voltage Controlled Crystal Oscillator VCXO 1 2 Advanced Crystal Technology

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl