Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

36502C68NMTDG Datasheet(PDF) 9 Page - Tyco Electronics

Part # 36502C68NMTDG
Description  Low Inductance, High Frequency Chip Inductor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

36502C68NMTDG Datasheet(HTML) 9 Page - Tyco Electronics

  36502C68NMTDG Datasheet HTML 1Page - Tyco Electronics 36502C68NMTDG Datasheet HTML 2Page - Tyco Electronics 36502C68NMTDG Datasheet HTML 3Page - Tyco Electronics 36502C68NMTDG Datasheet HTML 4Page - Tyco Electronics 36502C68NMTDG Datasheet HTML 5Page - Tyco Electronics 36502C68NMTDG Datasheet HTML 6Page - Tyco Electronics 36502C68NMTDG Datasheet HTML 7Page - Tyco Electronics 36502C68NMTDG Datasheet HTML 8Page - Tyco Electronics 36502C68NMTDG Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Low Inductance, High Frequency Chip Inductor
Type 3650 Series
Literature No. 1773163
Issued: 12-05
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Colour Coding
0603 / 0805/1008 Series (0402 Series has no Colour Coding)
Because of their small size, these parts are marked with a single colour dot.
The inductance value represented by the dot is shown on the data page for each series.
How to Order
3650
1E
R10
J
TDG
Common Part
1E – 0402 Package
1J – 0603 Package
2A – 0805 Package
2C - 1008 Package
Case Size
See relevant table for
Inductance Code
Inductance Value
Tolerance
3650 - Std
3651 - Low Profile
3652 - High Current
3653 - High Q
G - ±2%
J - ±5%
K - ±10%
M - ±20%
Packaging
TDG - 2000 pcs/reel
TE - 4000pcs/reel
(1E, 1J only)


Similar Part No. - 36502C68NMTDG

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
36502-0134 MOLEX5-36502-0134 Datasheet
170Kb / 4P
   2.54mm (.100") Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.30關m (12關") Selective Gold (Au) Plating, 96 Circuits
36502-0143 MOLEX5-36502-0143 Datasheet
212Kb / 4P
   2.54mm (.100") Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.30關m (12關") Selective Gold (Au) Plating, 32 Circuits
More results

Similar Description - 36502C68NMTDG

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1624112 MACOM-1624112 Datasheet
60Kb / 1P
   LOW INDUCTANCE, HIGH FREQUENCY CHIP INDUCTOR SERIES 3650
logo
Superworld Electronics
L1M-1N0S-10 SUPERWORLD-L1M-1N0S-10 Datasheet
406Kb / 10P
   High Frequency Chip Inductor
logo
List of Unclassifed Man...
LSMH-2012 ETC2-LSMH-2012 Datasheet
26Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
MPS Industries, Inc.
R7X0402CM MPSIND-R7X0402CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0603CW MPSIND-R7X0603CW Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0805CM MPSIND-R7X0805CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
logo
Caliber Electronics Inc...
LSMH-1608 CALIBER-LSMH-1608 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
LSMH-2012 CALIBER-LSMH-2012 Datasheet
27Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Allied Components Inter...
HFC02 ALLIED-HFC02 Datasheet
493Kb / 1P
   High Frequency Ceramic Chip Inductor
logo
List of Unclassifed Man...
LSMH-1608 ETC2-LSMH-1608 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com