Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

575T15HE Datasheet(PDF) 1 Page - CTS Corporation

Part # 575T15HE
Description  Temperature Compensated Crystal Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

575T15HE Datasheet(HTML) 1 Page - CTS Corporation

  575T15HE Datasheet HTML 1Page - CTS Corporation 575T15HE Datasheet HTML 2Page - CTS Corporation 575T15HE Datasheet HTML 3Page - CTS Corporation 575T15HE Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document No. 008-0307-0
Page 1 - 4
Rev. A
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
Model 575
Temperature Compensated Crystal Oscillator
FEATURES
• 7x5mm Surface Mount Footprint
• Clipped Sinewave Output
• Frequency Range 10 – 36 MHz
• Frequency Stability, several options to choose
from, ±0.5 ppm to ±5 ppm
• +2.8Vdc,+3.0Vdc,+3.3Vdc,+5.0Vdc Operation
• Voltage Control for Frequency Tuning
• Operating Temperature to –40°C to +85°C
• Tape & Reel Packaging
• RoHS/Green Compliant
ORDERING INFORMATION
{VCON: 1.5Vdc ± 1.0Vdc}
H = -10°C to +60°C
C = -20°C to +70°C
D = -30°C to +85°C
I = -40°C to +85°C
FREQUENCY STABILITY *
* Frequency vs. Temperature
05 = ± 0.5 ppm (-10°C to +60°C only)
10 = ± 1.0 ppm
15 = ± 1.5 ppm
20 = ± 2.0 ppm
25 = ± 2.5 ppm
30 = ± 3.0 ppm
40 = ± 4.0 ppm
50 = ± 5.0 ppm
T = +2.8Vdc
R = +3.0Vdc
L = +3.3Vdc
S = +5.0Vdc
SUPPLY VOLTAGE
575
M
FREQUENCY IN MHz
OPERATING TEMPERATURE RANGE
M - indicates MHz and decimal point.
Frequency is recorded with minimum 4
significant digits to the right of the "M".
AFC RANGE
E = ± 15 ppm
F = ± 20 ppm
G = ± 25 ppm
T = TCXO (no AFC)
A = ± 5 ppm
B = ± 8 ppm
C = ± 10 ppm
D = ± 12 ppm
Example Part Number: 575L20DA19M4400
DESCRIPTION
The Model 575 is a Voltage Controlled
Temperature Compensated Crystal Oscillator
(VCTCXO) offering reduced size, low power
consumption and enhanced frequency stability.
The M575 is the perfect choice for today’s
compact or portable wireless communications
applications that require tight frequency control.


Similar Part No. - 575T15HE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
575 LITTELFUSE-575 Datasheet
92Kb / 1P
   SUBMINIATURE FUSEHOLDERS
logo
Intersil Corporation
575-4 INTERSIL-575-4 Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
logo
Vishay Siliconix
575-4 VISHAY-575-4 Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
575-4 VISHAY-575-4 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
logo
Texas Instruments
575-4 TI1-575-4 Datasheet
574Kb / 13P
[Old version datasheet]   DRV411EVM Users Guide
More results

Similar Description - 575T15HE

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com