Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS51413GD8 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS51413GD8
Description  1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51413GD8 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS51413GD8 Datasheet HTML 3Page - ON Semiconductor CS51413GD8 Datasheet HTML 4Page - ON Semiconductor CS51413GD8 Datasheet HTML 5Page - ON Semiconductor CS51413GD8 Datasheet HTML 6Page - ON Semiconductor CS51413GD8 Datasheet HTML 7Page - ON Semiconductor CS51413GD8 Datasheet HTML 8Page - ON Semiconductor CS51413GD8 Datasheet HTML 9Page - ON Semiconductor CS51413GD8 Datasheet HTML 10Page - ON Semiconductor CS51413GD8 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
7
APPLICATIONS INFORMATION
THEORY OF OPERATION
V2 Control
The CS5141X family of buck regulators utilizes a V2
control technique and provides a high level of integration to
enable high power density design optimization.
Every pulse width modulated controller configures basic
control elements such that when connected to the feedback
signal of a power converter, sufficient loop gain and
bandwidth is available to regulate the voltage set point
against line and load variations. The arrangement of these
elements differentiates a voltage mode, or a current mode
controller from a V2 device.
Figure 3 illustrates the basic architecture of a V2
controller.
Figure 3. V2 Control
Latch/Drive
Switch
Clock
PWM
V2 Control Ramp
Error Amplifier
VREF
VO
Z2
-
+
Z1
VFB
In common with V mode or I mode, the feedback signal
is compared with a reference voltage to develop an error
signal which is fed to one input of the PWM. The second
input to the PWM, however, is neither a fixed voltage ramp
nor the switch current, but rather the feedback signal from
the output of the converter. This feedback signal provides
both DC information as well as AC information (the control
ramp) for the converter to regulate its set point. The control
architecture is known as V2 since both PWM inputs are
derived from the converter's output voltage. This is a little
misleading because the control ramp is typically generated
from current information present in the converter.
The feedback signal from the buck converter shown in
Figure 4 is processed in one of two ways before being routed
to the inputs of the PWM comparator. The Fast Feedback
path (FFB) adds slope compensation to the feedback signal
before passing it to one input of the PWM. The Slow
Feedback path (SFB) compares the original feedback signal
against a DC reference. The error signal generated at the
output of the error amplifier VC is filtered by a low
frequency pole before being routed to the second input of the
PWM. Each switch cycle is initiated (S1 on), when the
output latch is set by the oscillator. Each switch cycle
terminates (S1 off), when the FFB signal (AC plus output
DC) exceeds SFB (error DC), and the output latch is reset.
In the event of a load transient, the FFB signal changes
faster, in relation to the filtered SFB signal, causing duty
cycle modulation to occur. Actual oscilloscope waveforms
taken from the converter show the switch node VSWITCH,
the error signal VC and the feedback signal VFB (AC
component only) are shown in Figure 5.
Figure 4. Buck Converter with V2 Control
Buck
Controller
FFB
VREF
+
Duty Cycle
V2 Control
Error
Amplifier
PWM Com‐
parator
R1
Oscillator
-
VO
SFB
VIN
Latch
Slope
Comp
L1
C1
D1
R2
S
R
VC
S1
Figure 5.
VSWITCH
VSWITCH
VC
VFB
In the event of a load transient, the FFB signal changes
faster, in relation to the filtered SFB signal, causing duty
cycle modulation to occur. By this means the converter's
transient response time is independent of the error amplifier
bandwidth. The error amplifier is used here to ensure
excellent DC accuracy.
In order for the controller to operate optimally, a stable
ramp is required at the feedback pin.


Similar Part No. - CS51413GD8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51413GD8 ONSEMI-CS51413GD8 Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51413GD8G ONSEMI-CS51413GD8G Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51413GD8G ONSEMI-CS51413GD8G Datasheet
283Kb / 20P
   Low Voltage Buck Regulators
May, 2013 ??Rev. 21
More results

Similar Description - CS51413GD8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51411 ONSEMI-CS51411_07 Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51411 ONSEMI-CS51411_12 Datasheet
290Kb / 20P
   1.5 A, 260 kHz and 520 kHz Low Voltage Buck Regulators with External Bias or Synchronization Capability
November, 2012 ??Rev. 20
CS51411 ONSEMI-CS51411 Datasheet
489Kb / 16P
   1.5A, 260 kHz AND 520 kHz, LOW VOLTAGE BUCK REGULATORS WITH EXTERNAL BIAS OR SYNCHRONIZATION CAPABILITY
September, 2002 ??Rev. 11
NCV51411 ONSEMI-NCV51411 Datasheet
182Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV51411 ONSEMI-NCV51411 Datasheet
224Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV8842 ONSEMI-NCV8842_11 Datasheet
377Kb / 16P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 10
NCV8842 ONSEMI-NCV8842 Datasheet
180Kb / 15P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV8843 ONSEMI-NCV8843 Datasheet
187Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCP1546 ONSEMI-NCP1546 Datasheet
152Kb / 13P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCV8843 ONSEMI-NCV8843_10 Datasheet
385Kb / 16P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com