Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPME685M006K0012 Datasheet(PDF) 1 Page - AVX Corporation

Part # TPME685M006K0012
Description  Tantalum Ultra Low ESR Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPME685M006K0012 Datasheet(HTML) 1 Page - AVX Corporation

  TPME685M006K0012 Datasheet HTML 1Page - AVX Corporation TPME685M006K0012 Datasheet HTML 2Page - AVX Corporation TPME685M006K0012 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
35
TPM Multianode
Tantalum Ultra Low ESR Capacitor
HOW TO ORDER
Low ESR, high capacitance and high ripple
current are the key parameters for processor
filtering. Multianode configuration within a
standard E case package meets these
requirements. Parameters such as ESR
15mΩ, capacitance 1500µF and ripple
current above 4A rms makes TPM series
ready to use with the latest processor
families.
TPM D case capacitors in addition are
using a “mirror” multianode construction
that reduces self-inductance ESL from
2.4nH to 1.0nH and thus frequency range
is extended to about 500 kHz.
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
10 µF to 2200 µF
Capacitance Tolerance:
±10%, ±20%
Rated Voltage (V
R)
+85°C:
2.5
4
6.3
10
16
20
25
35
50
Category Voltage (V
C)
+125°C:
1.7
2.7
4
7
10
13
17
23
33
Surge Voltage (V
S)
+85°C:
3.3
5.2
8
13
20
26
32
46
65
Surge Voltage (V
S)
+125°C:
2.2
3.4
5
8
13
16
20
28
40
Temperature Range:
-55°C to +125°C
Reliability:
1% per 1000 hours at 85°C, V
R with 0.1Ω/V series impedance, 60% confidence level
TECHNICAL SPECIFICATIONS
CASE DIMENSIONS: millimeters (inches)
Code
EIA
L±0.20 (0.008)
W+0.20 (0.008)
H+0.20 (0.008)
W
1±0.20 (0.008)
A+0.30 (0.012)
S Min.
Code
-0.10 (0.004)
-0.10 (0.004)
-0.20 (0.008)
D
7343-31
7.30 (0.287)
4.30 (0.169)
2.90 (0.114)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
E
7343-43
7.30 (0.287)
4.30 (0.169)
4.10 (0.162)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
V
7361-38
7.30 (0.287)
6.10 (0.240)
3.45 ±0.30
3.10 (0.120)
1.40 (0.055)
4.40 (0.173)
(0.136 ±0.012)
W1 dimension applies to the termination width for A dimensional area only.
TPM
Type
E
Case Size
See table
above
108
Capacitance Code
pF code: 1st two
digits represent
significant figures,
3rd digit represents
multiplier (number of
zeros to follow)
*
Capacitance
Tolerance
K=±10%
M=±20%
004
Rated DC Voltage
002=2.5Vdc
004=4Vdc
006=6.3Vdc
010=10Vdc
016=16Vdc
020=20Vdc
025=25Vdc
035=35Vdc
050=50Vdc
R
Packaging
R = 7" T/R Lead Free
S = 13" T/R Lead Free
H = 7" Reel Tin Lead
K = 13" Reel Tin Lead
0018
Maximum ESR
in Milliohms
See note below
NOTE: The EIA & CECC standards for low ESR Solid Tantalum Capacitors
allow an ESR movement to 1.25 times catalog limit post mounting.
For part marking see page 163


Similar Part No. - TPME685M006K0012

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPME6870040018 AVX-TPME6870040018 Datasheet
101Kb / 3P
   TPM Multianode Tantalum Ultra Low ESR Capacitor
TPME6870040023 AVX-TPME6870040023 Datasheet
101Kb / 3P
   TPM Multianode Tantalum Ultra Low ESR Capacitor
More results

Similar Description - TPME685M006K0012

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPME477M010R0023 AVX-TPME477M010R0023 Datasheet
101Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPM AVX-TPM Datasheet
358Kb / 5P
   Tantalum Ultra Low ESR Capacitor
TPME476K035H0055 AVX-TPME476K035H0055 Datasheet
100Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPME477K006R0023 AVX-TPME477K006R0023 Datasheet
101Kb / 3P
   TPM Multianode Tantalum Ultra Low ESR Capacitor
logo
Kemet Corporation
T530D477M2R5AH4097 KEMET-T530D477M2R5AH4097 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kingtronics Internation...
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
   Chip Tantalum Capacitor Low ESR. SMD
logo
Suntan Capacitors
TS20L SUNTAN-TS20L Datasheet
838Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kemet Corporation
T520V157M006AS KEMET-T520V157M006AS Datasheet
46Kb / 2P
   Low ESR Tantalum Chip Capacitor with Polymer Electrode
logo
Vishay Siliconix
597D VISHAY-597D Datasheet
449Kb / 2P
   Tantamount짰 Multi-Anode, Surface-Mount,Ultra-Low-ESR, Conformal-Coated Tantalum Chip Capacitor
Revision: 04-Aug-04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com