Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

118GA224R5A0B1 Datasheet(PDF) 2 Page - CTS Corporation

Part # 118GA224R5A0B1
Description  Commercial 3/4inch (19.1mm) Diameter, 2-Watt, Wirewound Variable Resisters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

118GA224R5A0B1 Datasheet(HTML) 2 Page - CTS Corporation

  118GA224R5A0B1 Datasheet HTML 1Page - CTS Corporation 118GA224R5A0B1 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TAPER
1 – LINEAR
SHAFT LENGTH
118 SERIES ONLY
FROM MOUNTING SURFACE
1/32" INCREMENTS
20 – .625" (15.9mm)
24 – .750" (19.1mm)
28 – .875" (22.2mm)
32 – 1.000" (25.4mm)
118
G
A
3
32
R
103
B
1
DIMENSION:
mm
INCH
Ordering Information
RESISTANCE CODE
CODE RESISTANCE
5A0
5 OHMS
500
50
101
100
501
500
102
1K
252
2.5K
502
5K
103
10K
203
20K
Terminal Information
Insulated Construction (Standard)
The contactor is insulated from the base and
connected to the center terminal on the insulated
construction. This construction can be supplied
with the center terminal and one end terminal at
either end of the resistance element or with the
center terminal and terminals at both ends of the
resistance element.
Grounded Construction (Optional)
The grounded construction is supplied without a
center terminal and the contactor is connected to
the case. This construction can be furnished with
one end terminal at either end of the resistance
element or with terminals at both ends of the
element.
Bushing Information
Standard: 3/8"-32 UNEF-2A thread, .375" (9.53mm)
or .250" (6.35mm) long. M9 x 0.75
available.
Special: As required in increments of 1/16" (1.58mm)
Locating Lugs
Standard Position: Left side (with terminals down)
supplied, unless otherwise
specified.
Other Positions:
Available with right side only, both
left and right, or without lugs.
Electrical and Mechanical Specifications
TERMINAL STYLE
J – INSULATED
CONSTRUCTION
G –GROUNDED
CONSTRUCTION
MOUNTING STYLE BUSHING
A – 1/4" (6.35mm) LONG
B – 3/8" (9.53mm) LONG
Metric bushings available. Consult CTS.
LOCATING
LUG
1 –LEFT
2 –RIGHT
3 –NONE
SHAFT TRIM
R – ROUND
F – FLATTED
K – KNURLED
RESIST TOLERANCE
A– ±10%
B– ±20%
D– ± 5%
19.84
11.13
3/8-32 UNEF-2A
9.4±0.05
.062
1.57
2.08
.082
4.16±0.05
.164±.002
1.52
.060
1.4
.055
.110±.002
2.79±0.05
.370±.002
40°
40°
CENTER TERMINAL SUPPLIED WITH INSULATED CONTACT ARM CONSTRUCTION.
END C.W
OMITTED ON GROUNDED CONTACT ARM CONSTRUCTION.
45°
7.95
45°
ROT.
END C.C.W
.313
ROT.
270°
11.13
.438
TERMINLS 1.98/.078
WIDE X 0.40/.016
.781
6.35
.250
6.35
.250
0.4
.016
.031
0.8
.438
1.60
.063
7.14
3.96
.281
.156
LOCATING LUG
2.03±0.38
.080±.015
ABOVE MFG SURFACE
10.41
.410
10.41
.410
1.57
.062
CLEARANCE HOLE FOR 3/8-32 THREADED BUSHING
OPTIONAL PC TERMINAL POSTION
PERPENDICULAR TO MFG. SURFACE.
CTS SERIES TYPE 118
2 - 2
© 2006 CTS Corporation. All rights reserved. Information subject to change.
9/30/06
CTS Electronic Components
www.ctscorp.com


Similar Part No. - 118GA224R5A0B1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
118 CTS-118 Datasheet
102Kb / 4P
   1?쓝1??Stratum 3E OCXO
logo
Renesas Technology Corp
118 RENESAS-118 Datasheet
916Kb / 126P
   RENESAS MCU
logo
Keystone Electronics Co...
118 KEYSTONE-118 Datasheet
303Kb / 2P
   CONTACT ON TAPE AND REEL
6.23.15
logo
Marl International Limi...
118-000-04-50 MARL-118-000-04-50 Datasheet
276Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
118-000-04-52 MARL-118-000-04-52 Datasheet
276Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
More results

Similar Description - 118GA224R5A0B1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
115GP300C103B1 CTS-115GP300C103B1 Datasheet
806Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 2 watt Wirewound Variable Resistor
110 CTS-110 Datasheet
957Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
115 CTS-115 Datasheet
1Mb / 4P
   Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
026 CTS-026 Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
logo
Welwyn Components Limit...
SQP WELWYN-SQP Datasheet
77Kb / 2P
   Ceramic Case Resisters - Wirewound / Metal Oxide
logo
CTS Corporation
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
026T220R103B1A1 CTS-026T220R103B1A1 Datasheet
2Mb / 4P
   Industrial 24mm Diameter 5 Watt, Wirewound Rotary Potentiometer
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com