Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CVLD-025-50-155.520 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CVLD-025-50-155.520
Description  Differential LVDS Voltage Controlled Clock Oscillator 5X7 mm SMD, 2.5V, LVDS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CVLD-025-50-155.520 Datasheet(HTML) 1 Page - Crystek Corporation

  CVLD-025-50-155.520 Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Differential LVDS
Voltage Controlled
Clock Oscillator
SUGGESTED PAD LAYOUT
.071 SQ
(1.80)
.148
(3.75)
.200
(5.08)
.079
(2.0)
.283
(7.20)
.203
(5.15)
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
.040 ±.003
(1.0 ±.08)
.200 ±.005
(5.08 ±.13)
#6
.055 ±.003
(1.40 ±.08)
Denotes pad 1
P/N
Freq DC
#5
#4
#3
#2
#1
Bypass Capacitor Recommended
Specifications subject to change without notice.
Designed to meet today's
requirements for 2.5V
Differential LVDS applications.
The CVLD-025 provides very
low phase noise & jitter for
demanding applications.
Available on 16mm tape and
reel in quantities of 1,000pcs..
5X7 mm SMD,
2.5V, LVDS
CVLD-025 Model
E/D pin
Output pin
Open
"1" level 2.2V Min
"0" level 0.4V Max
Active
Active
High Z
Enable/Disable Function
50MHz to 200MHz
0°C to 70°C
-45°C to 90°C
2.5V ± 0.125V
1.25V ± 1.25V
50mA Typ, 80mA Max
Differential LVDS
40/60% Max @ 50% Vdd
1ns Max
±50ppm APR Min. (std)
± 10% Max
(Offset 1.25V Typ.)
"0" = 1.10 Typical
"1" = 1.43 Typical
0.5psec Typ., 1psec RMS Max
<5ppm 1st/yr, <2ppm every year thereafter
Frequency Range:
Temperature Range:
Storage:
Input Voltage:
Control Voltage:
Input Current:
Output:
Symmetry:
Rise/Fall Time:
Pulling Range:
Linearity:
Logic:
Terminated 100ohms
Temp. 0°C to 70°C
Jitter:
12KHz to 20MHz
Aging:
Pad
Connection
1
2
3
4
5
6
Volt Cont.
E/D
GND
OUT
COUT
Vdd
TD-070301 Rev.A
CVLD-025 - 50 - 155.520
Crystek Part Number Guide
#1 Crystek 5x7 SMD PECL VCXO
#2 Model 025 = 2.5V
#3 Temp. Range: Blank = 0/70°C
#4 Pulling: (see Table 1)
#5 Frequency in MHz: 3 or 6 decimal places
#1
#2
#3
#5
Example:
CVLD-025-50-155.520 = 2.5V, 40.60, 0/70°C, 50ppm APR, 155.520 MHz
#4
Blank
± 100ppm
50 (std)
± 50ppm
Pulling (APR) Min.
Table 1
Bottom View
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t
RECOMMENDED REFLOW SOLDERING PROFILE
217°C
200°C
260°C
150°C
90 Secs. Max.
Ramp-Up
3°C/Sec Max.
Preheat
180 Secs. Max.
8 Minutes Max.
260°C for
10 Secs. Max.
Critical Temperature
Zone
Ramp-Down
6°C/Sec.
NOTE: Reflow Profile with 240°C peak also acceptable.


Similar Part No. - CVLD-025-50-155.520

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
CVL2S57-9MM MA-COM-CVL2S57-9MM Datasheet
227Kb / 2P
   1550nm Pulsed Laser Diodes
CVL2S57-TO18C MA-COM-CVL2S57-TO18C Datasheet
227Kb / 2P
   1550nm Pulsed Laser Diodes
CVL2S57-TO18T MA-COM-CVL2S57-TO18T Datasheet
227Kb / 2P
   1550nm Pulsed Laser Diodes
CVL2S57-TO5C MA-COM-CVL2S57-TO5C Datasheet
227Kb / 2P
   1550nm Pulsed Laser Diodes
CVL2S57-TO5F MA-COM-CVL2S57-TO5F Datasheet
227Kb / 2P
   1550nm Pulsed Laser Diodes
More results

Similar Description - CVLD-025-50-155.520

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCLD-912 CRYSTEKCRYSTAL-CCLD-912 Datasheet
114Kb / 1P
   Differential LVDS Clock Oscillator 9X14 mm SMD, 3.3V, LVDS
CCLD-915 CRYSTEKCRYSTAL-CCLD-915 Datasheet
112Kb / 1P
   Differential LVDS Clock Oscillator
C25XX CRYSTEKCRYSTAL-C25XX Datasheet
111Kb / 1P
   5X7 mm SMD, 2.5V, LVCMOS Clock Oscillator
logo
Renesas Technology Corp
ICS854110I RENESAS-ICS854110I Datasheet
1Mb / 22P
   2.5V Differential LVDS Clock Buffer
JANUARY 27, 2011
logo
Integrated Device Techn...
ICS854110I IDT-ICS854110I Datasheet
851Kb / 21P
   2.5V Differential LVDS Clock Buffer
logo
MTRONPTI
M2001 MTRONPTI-M2001 Datasheet
310Kb / 2P
   5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
M2001_0611 MTRONPTI-M2001_0611 Datasheet
350Kb / 3P
   5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
logo
CRYSTEK CORPORATION
CCLD-033 CRYSTEKMICROWAVE-CCLD-033 Datasheet
319Kb / 3P
   5횞7mm SMD LVDS Clock Oscillator
logo
List of Unclassifed Man...
CCLD-033 ETC2-CCLD-033 Datasheet
597Kb / 3P
   5x7mm SMD LVDS Clock Oscillator
logo
MTRONPTI
M2001 MTRONPTI-M2001_07 Datasheet
509Kb / 3P
   M2001 Series 5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com