Electronic Components Datasheet Search |
|
PSD835G1-B-15J Datasheet(PDF) 11 Page - STMicroelectronics |
|
PSD835G1-B-15J Datasheet(HTML) 11 Page - STMicroelectronics |
11 / 110 page PSD8XX Family PSD835G2 10 Pin* (TQFP Pin Name Pkg.) Type Description PE3 74 I/O Port E, PE3. This port is pin configurable and has multiple CMOS functions: or Open 1. MCU I/O — standard output or input port. Drain 2. Latched address output. 3. TDO output for JTAG/ISP interface. PE4 75 I/O Port E, PE4. This port is pin configurable and has multiple CMOS functions: or Open 1. MCU I/O — standard output or input port. Drain 2. Latched address output. 3. TSTAT output for the ISP interface. 4. Rdy/Bsy — for in-circuit Parallel Programming. PE5 76 I/O Port E, PE5. This port is pin configurable and has multiple CMOS functions: or Open 1. MCU I/O — standard output or input port. Drain 2. Latched address output. 3. TERR active low output for ISP interface. PE6 77 I/O Port E, PE6. This port is pin configurable and has multiple CMOS functions: or Open 1. MCU I/O — standard output or input port. Drain 2. Latched address output. 3. Vstby — SRAM standby voltage input for battery backup SRAM PE7 78 I/O Port E, PE7. This port is pin configurable and has multiple CMOS functions: or Open 1. MCU I/O — standard output or input port. Drain 2. Latched address output. 3. Vbaton — battery backup indicator output. Goes high when power is drawn from an external battery. PF0-PF7 31-38 I/O Port F, PF0-7. This port is pin configurable and has multiple CMOS functions: or Open 1. MCU I/O — standard output or input port. Drain 2. Input to the PLD. 3. Latched address outputs. 4. As address A0-3 inputs in 80C51XA mode 5. As data bus port (D0-7) in non-multiplexed bus configuration PG0-PG7 21-28 I/O Port G, PG0-7. This port is pin configurable and has multiple CMOS functions: or Open 1. MCU I/O — standard output or input port. Drain 2. Latched address outputs. GND 8,30, 49,50, 70 VCC 9,29, 69 Table 5. PSD835G2 Pin Descriptions (cont.) |
Similar Part No. - PSD835G1-B-15J |
|
Similar Description - PSD835G1-B-15J |