Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11B2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # H11B2
Description  Optocoupler, Photodarlington Output, High Gain, with Base Connection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

H11B2 Datasheet(HTML) 3 Page - Vishay Siliconix

  H11B2 Datasheet HTML 1Page - Vishay Siliconix H11B2 Datasheet HTML 2Page - Vishay Siliconix H11B2 Datasheet HTML 3Page - Vishay Siliconix H11B2 Datasheet HTML 4Page - Vishay Siliconix H11B2 Datasheet HTML 5Page - Vishay Siliconix H11B2 Datasheet HTML 6Page - Vishay Siliconix H11B2 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 83609
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 08-May-08
285
H11B1/H11B2/H11B3
Optocoupler, Photodarlington Output,
High Gain, with Base Connection
Vishay Semiconductors
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 1 - Forward Voltage vs. Forward Current
Fig. 2 - Normalized Non-Saturated and Saturated CTRCE vs.
LED Current
Fig. 3 - Normalized Non-Saturated and Saturated ICE vs.
LED Current
Fig. 4 - Normalized Non-Saturated and Saturated Collector Emitter
Current vs. LED Current
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Switching times
IF = 5 mA, VCE = 10 V, RL = 100 Ω
ton
5µs
toff
30
µs
ih11b1_01
IF - Forward Current (mA)
100
10
1
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1.
3
1.4
Ta = - 55 °C
Ta = 25 °C
Ta = 100 °C
ih11b1_02
0.1
1
10
100
IF - LED Current (mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VCE = 1 V
VCE = 5 V
Normalized to:
VCE = 5 V
IF = 1 mA
ih11b1_03
100
1
0.1
0.01
0.1
1
10
100
VCE = 1 V
VCE = 5 V
IF - LED Current (mA)
IF = 2 mA
VCE = 5 V
Normalized to:
10
ih11b1_04
100
1
0.1
0.001
0.01
0.1
1
10
VCE = 1 V
VCE = 5 V
IF - LED Current (mA)
IF = 10 mA
VCE = 5 V
Normalized to:
10


Similar Part No. - H11B2

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H11B2 QT-H11B2 Datasheet
140Kb / 7P
   PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
H11B2 FAIRCHILD-H11B2 Datasheet
158Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
logo
Vishay Siliconix
H11B2 VISHAY-H11B2 Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
Rev. 1.5, 26-Oct-04
logo
Micro Commercial Compon...
H11B2 MCC-H11B2 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
logo
ISOCOM COMPONENTS
H11B2 ISOCOM-H11B2 Datasheet
55Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
More results

Similar Description - H11B2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N32 VISHAY-4N32_11 Datasheet
125Kb / 6P
   Optocoupler, Photodarlington Output, High Gain With Base Connection
Rev. 1.2, 15-Feb-11
MCA230 VISHAY-MCA230 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.6, 09-Jan-08
H11B1 VISHAY-H11B1 Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
Rev. 1.5, 26-Oct-04
4N32 VISHAY-4N32_V02 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2023
4N32 VISHAY-4N32_08 Datasheet
124Kb / 8P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.5, 07-May-08
4N32-X000 VISHAY-4N32-X000 Datasheet
124Kb / 8P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.0, 11-Mar-08
4N33 VISHAY-4N33_V01 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2022
VO221AT VISHAY-VO221AT_V01 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2022
IL221AT VISHAY-IL221AT Datasheet
127Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
Rev. 1.8, 08-May-08
IL221AT VISHAY-IL221AT_V02 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com