Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTPB67 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMTPB67
Description  TRISILTM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTPB67 Datasheet(HTML) 1 Page - STMicroelectronics

  SMTPB67 Datasheet HTML 1Page - STMicroelectronics SMTPB67 Datasheet HTML 2Page - STMicroelectronics SMTPB67 Datasheet HTML 3Page - STMicroelectronics SMTPB67 Datasheet HTML 4Page - STMicroelectronics SMTPB67 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMTPB SERIES
®
TRISIL
TM
August 1999 - Ed: 2C
SCHEMATIC DIAGRAM
BIDIRECTIONAL CROWBAR PROTECTION.
BREAKDOWN VOLTAGE RANGE:
From 62 V To 270 V.
HOLDING CURRENT: IH = 150 mA min
REPETITIVE PEAK PULSE CURRENT :
IPP = 100 A, 10/1000
µs.
FEATURES
SMC
The SMTPBxx series has been designed to protect
telecommunication equipment against lightning
and transient induced by AC power lines.
DESCRIPTION
COMPLIES WITH THE
FOLLOWING STANDARDS:
Peak Surge
Voltage
(V)
Voltage
Waveform
(
µs)
Current
Waveform
(
µs)
Admissible
Ipp
(A)
Necessary
Resistor
(
Ω)
CCITT K20
4000
10/700
5/310
100
-
VDE0433
4000
10/700
5/310
100
-
VDE0878
4000
1.2/50
1/20
100
-
IEC-1000-4-5
level 4
level 4
10/700
1.2/50
5/310
8/20
100
100
-
-
FCC Part 68, lightning surge
type A
1500
800
10/160
10/560
10/160
10/560
200
100
-
-
FCC Part 68, lightning surge
type B
100
5/320
5/320
25
-
BELLCORE TR-NWT-001089
First level
2500
1000
2/10
10/1000
2/10
10/1000
500
100
-
-
BELLCORE TR-NWT-001089
Second level
500
2/10
2/10
500
-
CNET l31-24
4000
0.5/700
0.8/310
100
-
Any sensitive equipment requiring protection
against lightning strikes:
ANALOG AND DIGITAL LINE CARDS
MAIN DISTRIBUTION FRAMES
TERMINALS AND TRANSMISSION EQUIPMENT
GMS-TUBE REPLACEMENT
MAIN APPLICATIONS
NO AGEING AND NO NOISE
IF DESTROYED, THE SMTPB FALLS INTO
SHORT CIRCUIT, STILL ENSURING
PROTECTION
BENEFITS
1/5


Similar Part No. - SMTPB67

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SMTPB62 BILIN-SMTPB62 Datasheet
281Kb / 4P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
SMTPB68 BILIN-SMTPB68 Datasheet
281Kb / 4P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Shenzhen Taychipst Elec...
SMTPB68 TAYCHIPST-SMTPB68 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
More results

Similar Description - SMTPB67

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LS5018B STMICROELECTRONICS-LS5018B Datasheet
47Kb / 5P
   TRISILTM
September 1998 Ed : 3A
SMP30-XXX STMICROELECTRONICS-SMP30-XXX Datasheet
59Kb / 6P
   TRISILTM
January 2000 - Ed: 5B
TP30 STMICROELECTRONICS-TP30 Datasheet
64Kb / 6P
   TRISILTM
November 1998 - Ed: 5A
SMTHBT200 STMICROELECTRONICS-SMTHBT200 Datasheet
56Kb / 6P
   TRISILTM FOR LINE CARD PROTECTION
SMP100LC STMICROELECTRONICS-SMP100LC Datasheet
108Kb / 10P
   TRISILTM FOR TELECOM EQUIPMENT PROTECTION
SMTHDTXX STMICROELECTRONICS-SMTHDTXX Datasheet
47Kb / 6P
   TRISILTM DISCRETE SOLUTION FOR ISDN PROTECTION
SMP100LC-XXX STMICROELECTRONICS-SMP100LC-XXX Datasheet
66Kb / 8P
   TRISILTM FOR HIGH DEBIT RATE TELECOM LINES PROTECTION
March 2000 - Ed: 3B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com