Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHX2089 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHX2089
Description  9-18GHz Frequency Multiplier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHX2089 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHX2089_06 Datasheet HTML 1Page - United Monolithic Semiconductors CHX2089_06 Datasheet HTML 2Page - United Monolithic Semiconductors CHX2089_06 Datasheet HTML 3Page - United Monolithic Semiconductors CHX2089_06 Datasheet HTML 4Page - United Monolithic Semiconductors CHX2089_06 Datasheet HTML 5Page - United Monolithic Semiconductors CHX2089_06 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
9-18GHz Multiplier
CHX2089
Ref. : DSCHX20896354 - 20 Dec 06
3/6
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical on wafer Measurements.
Bias conditions: Vd = 3.5V, Vg1 = -0.9V, Vg2 = -0.3V.
Pout = f(Fin) for Pin=12 dBm.
Pout = f(Pin) for Fin = 9 GHz.
-20
-16
-12
-8
-4
0
4
8
12
16
20
8
9
10
11
12
13
Input Freq ( GHz )
Pout(2XFin)
Pout(Fin)
-30
-26
-22
-18
-14
-10
-6
-2
2
6
10
14
18
22
5
7
9
11
13
15
Input Power ( dBm )
Pout(Fin)
Pout(2XFin)


Similar Part No. - CHX2089_06

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2089-99F UMS-CHX2089-99F Datasheet
224Kb / 6P
   9-18GHz Frequency Multiplier
CHX2089-99F/00 UMS-CHX2089-99F/00 Datasheet
77Kb / 4P
   9-18GHz Frequency Multiplier
CHX2089-99F UMS-CHX2089-99F_15 Datasheet
224Kb / 6P
   9-18GHz Frequency Multiplier
More results

Similar Description - CHX2089_06

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2089-99F UMS-CHX2089-99F_15 Datasheet
224Kb / 6P
   9-18GHz Frequency Multiplier
CHX2089 UMS-CHX2089 Datasheet
77Kb / 4P
   9-18GHz Frequency Multiplier
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
   Frequency Multiplier
FK-5 MINI-FK-5 Datasheet
168Kb / 1P
   Frequency Multiplier
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
   Frequency Multiplier
RMK-3-33 MINI-RMK-3-33 Datasheet
296Kb / 2P
   Frequency Multiplier
RMK-3-123 MINI-RMK-3-123 Datasheet
255Kb / 1P
   Frequency Multiplier
RMK-5-571 MINI-RMK-5-571 Datasheet
373Kb / 3P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com