Part Name
         Description
V437316S04V

 3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE ( 12 Page)


MOSEL
100% 
Zoom Out Zoom In
 
 3 page
background image
MOSEL VITELIC
V437316S04V
3
V437316S04V Rev. 1.0 December 2001
Part Number Information
Block Diagram
V
4
3
73
16
S
0
4
V
X
T
G -XX
SDRAM
3.3V
WIDTH
DEPTH
168 PIN Unbuffered
DIMM X8 COMPONENT
REFRESH
RATE 4K
4 BANKS
LVTTL
COMPONENT A=0.17u B=0.14u
REV LEVEL
COMPONENT
PACKAGE, T = TSOP
LEAD FINISH
G= GOLD
SPEED
75PC = PC133 CL3,2
MOSEL VITELIC
MANUFACTURED
75
= PC133 CL3
10PC = PC133 CL3,2
DQM0
I/O1–I/O8
CS0
10
10
10
10
WE
WE
DQM4
I/O40–I/O33
DQM1
I/O9–I/O16
DQM5
I/O48–I/O41
DQM2
I/O17–I/O24
CS2
10
10
10
10
DQM6
I/O49–I/O56
DQM3
I/O25–I/O32
DQM7
I/O57–I/O64
V437316S04VTG-75-03
WE: SDRAM D0-D8
CKE: SDRAM D0-D8
RAS: SDRAM D0-D8
A(11:0): SDRAM D0-D8
BA0, BA1: SDRAM D0-D8
CKE0
RAS
CAS
WE
A(11:0)
BA0, BA1
CAS: SDRAM D0-D8
C0-C15
D0-D8
D0-D8
VCC
VSS
SCL0
SA2
SA1
SA0
SDA
WP
E2PROM SPD (256 WORD X 8 BITS)
47K
CLOCK WIRING
CLOCK INPUT
LOAD
CLK0
5 SDRAMS
CLK1
Termination
CLK2
4 SDRAMS +3.3pF Cap
CLK3
Termination
D4
DQM
I/O1–I/O8
CS
D5
DQM
I/O1–I/O8
CS
D6
DQM
I/O1–I/O8
CS
D7
DQM
I/O1–I/O8
CS
DQM
I/O1–I/O8
CS
D0
DQM
I/O1–I/O8
CS
D1
DQM
I/O1–I/O8
CS
D2
DQM
I/O1–I/O8
CS
D3
WE
WE
WE
10
CB0–7
DQM
I/O1–I/O8
CS
WE
WE
WE
WE
WE
D8



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
V437216S04VCTG-10PC3.3 VOLT 16M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V437216S04VCTG-753.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V437464Q24V3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V437216C04VDTG-10PC3.3 VOLT 16M x 72 HIGH PERFORMANCE PC100 REGISTER PLL ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V437464S24V3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V436416S04V3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V437216C04VDTG-753.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 REGISTER PLL ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V436416S04VCTG-753.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V436516S04VATG-753.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V436516S04VATG-75PC3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl