Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE8912N Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # APE8912N
Description  1.2V/1.32V 0.4A Low Dropout Fixed-Mode Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8912N Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  APE8912N Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8912N Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8912N Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8912N Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8912N Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1.2V/1.32V 0.4A Low Dropout Fixed-Mode Regulator
APE8912N/APE8913N
Advanced Power Electronics Corp.
www.a-power.com.tw
4/5
Electrical Characteristics (Under Operating Conditions)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
APE891
3
IOUT = 10mA, TJ = 25
oC,
VOUT+1.2V≦V IN≦6V
1.294
1.320
1.346
V
Line Regulation
APE8912/3
IO=10mA,VOUT+1.5V<VIN<6V,
TJ=25
oC
0.2
%
Load Regulation
APE8912/3
VIN=3.3V,Vadj=10mA<Io<0.4A,
TJ=25
oC (Note 1,2)
1
%
Dropout Voltage
(VIN-VOUT)
APE891
2/3
IOUT = 0.4A ,
∆VOUT=1%VOUT
1.1
1.2
V
Current Limit
APE8912/3
VIN = 3.3V
0.4
1.1
A
Minimum Load Current
APE8912/3
0
oC≦Tj≦125oC
3
5
mA
Thermal Regulation
TA=25
oC, 30ms pulse
0.008
0.04
%/W
F=120Hz,COUT=25uF Tantalum, IOUT=1A
Ripple Rejection
APE8912/3
VIN=VOUT+3V
60
70
dB
Temperature Stability
IO=10mA
0.5
%
JA
θ Thermal Resistance
Junction-to-Ambient(No
heat sink ;No air flow)
SOT23
250
OC/W
JC
θ Thermal Resistance
Junction-to-Case
SOT
23 : Control Circuitry/Power Transistor
100
OC/W
Note1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant
junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18” from the package.
Note2: Line and load regulation are guaranteed up to the maximum power dissipation of
5W. Power dissipation is determined by the difference between
input and output differential and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range.
Note3: Quiescent current is defined as the minimum output current required in maintaining regulation. At
6V input/output differential the
device is guaranteed to regulate if the output current is greater than 10mA.
Advanced Power
Electronics Corp.
APE8912
1.176
1.2
1.224
V


Similar Part No. - APE8912N

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8910 A-POWER-APE8910_14 Datasheet
1Mb / 11P
   ULTRA LOW ON RESISTANCE
APE8910 A-POWER-APE8910_16 Datasheet
1Mb / 12P
   ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
APE8913 A-POWER-APE8913 Datasheet
579Kb / 7P
   1.2V/1.32V 1A LOW DROPOUT FIXED-MODE REGULATOR
More results

Similar Description - APE8912N

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8913 A-POWER-APE8913 Datasheet
579Kb / 7P
   1.2V/1.32V 1A LOW DROPOUT FIXED-MODE REGULATOR
logo
Anpec Electronics Corop...
APL1187 ANPEC-APL1187 Datasheet
153Kb / 9P
   600mA Low Dropout Fast Response Positive Fixed 1.2V Regulator
logo
Fairchild Semiconductor
FAN1112SX FAIRCHILD-FAN1112SX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
FAN1112 FAIRCHILD-FAN1112 Datasheet
39Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
FAN1112DX FAIRCHILD-FAN1112DX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
logo
Anachip Corp
AP033 ANACHIP-AP033 Datasheet
137Kb / 5P
   1.5A Low Dropout Positive Fixed-Mode Regulator
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117_10 Datasheet
215Kb / 12P
   1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com