Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

36522C8N7GTDG Datasheet(PDF) 6 Page - Tyco Electronics

Part # 36522C8N7GTDG
Description  Low Inductance, High Frequency Chip Inductor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

36522C8N7GTDG Datasheet(HTML) 6 Page - Tyco Electronics

  36522C8N7GTDG Datasheet HTML 1Page - Tyco Electronics 36522C8N7GTDG Datasheet HTML 2Page - Tyco Electronics 36522C8N7GTDG Datasheet HTML 3Page - Tyco Electronics 36522C8N7GTDG Datasheet HTML 4Page - Tyco Electronics 36522C8N7GTDG Datasheet HTML 5Page - Tyco Electronics 36522C8N7GTDG Datasheet HTML 6Page - Tyco Electronics 36522C8N7GTDG Datasheet HTML 7Page - Tyco Electronics 36522C8N7GTDG Datasheet HTML 8Page - Tyco Electronics 36522C8N7GTDG Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Low Inductance, High Frequency Chip Inductor
Type 3650 Series
Literature No. 1773163
Issued: 12-05
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Characteristics - Electrical
Type 36521J Series - 0603 Package - High Current
Inductance
Inductance
Tolerance
Q
S.R.F. Min.
R.D.C. Max
I.D.C. Max.
Colour
Code
(nH)
(%)
Min.
(MHz)
(Ohms)
(mA)
Code
1N6
3N6
3N9
6N8
7N5
10N
12N
15N
18N
22N
24N
1.6 @ 250MHz
3.6 @ 250MHz
3.9 @ 250MHz
6.8 @ 250MHz
7.5 @ 250MHz
10 @ 250MHz
12 @ 250MHz
15 @ 250MHz
18 @ 250MHz
22 @ 250MHz
24 @ 250MHz
10,5
10,5
10,5
10,5
10,5
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
24
24
25
35
35
38
38
38
40
42
42
12500
5900
5900
5800
3700
3700
3000
2800
2800
2400
2400
0.030
0.048
0.054
0.054
0.059
0.071
0.075
0.080
0.099
0.099
0.105
2400
2300
2200
2100
2100
2000
2000
1900
1900
1800
1800
Black
Brown
Red
Orange
Yellow
Green
Blue
Violet
Grey
White
Black
Characteristics - Electrical
Type 36532A Series - 0805 Package - High Q
Inductance
Inductance
Tolerance
Q
S.R.F. Min.
R.D.C. Max
I.D.C. Max.
Colour
Code
(nH)
(%)
Min.
(MHz)
(Ohms)
(mA)
Code
2N5
5N6
6N2
6N8
8N2
12N
16N
18N
20N
27N
30N
39N
48N
51N
2.5 @ 250MHz
5.6 @ 250MHz
6.2 @ 250MHz
6.8 @ 250MHz
8.2 @ 250MHz
12 @ 250MHz
16 @ 250MHz
18 @ 250MHz
20 @ 250MHz
27 @ 250MHz
30 @ 250MHz
39 @ 250MHz
48 @ 200MHz
51 @ 200MHz
10,5
10,5
10,5
10,5
10,5
10,5
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
80 @ 1500MHz
98 @ 1500MHz
88 @ 1000MHz
80 @ 1000MHz
75 @ 1000MHz
80 @ 1000MHz
72 @ 500MHz
75 @ 500MHz
70 @ 500MHz
75 @ 500MHz
65 @ 500MHz
65 @ 500MHz
65 @ 500MHz
65 @ 500MHz
6000
6000
4750
4400
3000
3000
2950
2550
2050
2000
1950
1600
1400
1400
0.020
0.035
0.035
0.035
0.075
0.045
0.060
0.060
0.055
0.070
0.095
0.110
0.095
0.120
1600
1600
1600
1600
1000
1600
1500
1400
1400
1300
1200
1100
1200
1000
Black
Brown
Red
White
Grey
Orange
Yellow
Green
Blue
Violet
Grey
White
Black
Brown
Characteristics - Electrical
Type 36532C Series - 1008 Package - High Q
Inductance
Inductance
Tolerance
Q
S.R.F. Min.
R.D.C. Max
I.D.C. Max.
Code
(nH)
(%)
Min.
(MHz)
(Ohms)
(mA)
3N0
4N1
7N8
10N
12N
18N
22N
33N
39N
47N
56N
68N
82N
R10
3.0 @ 50MHz
4.1 @ 50MHz
7.8 @ 50MHz
10 @ 50MHz
12 @ 50MHz
18 @ 50MHz
22 @ 50MHz
33 @ 50MHz
39 @ 50MHz
47 @ 50MHz
56 @ 50MHz
68 @ 50MHz
82 @ 50MHz
100 @ 50MHz
10,5
10,5
10,5
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
70 @ 1500MHz
75 @ 1500MHz
75 @ 500MHz
60 @ 500MHz
70 @ 500MHz
62 @ 350MHz
62 @ 350MHz
75 @ 350MHz
75 @ 350MHz
75 @ 350MHz
75 @ 350MHz
80 @ 350MHz
80 @ 350MHz
62 @ 350MHz
6000
6000
3800
3600
2800
2700
2050
1700
1300
1450
1230
1150
1060
820
0.04
0.05
0.05
0.06
0.06
0.07
0.07
0.09
0.09
0.12
0.12
0.13
0.16
0.16
1600
1600
1600
1600
1500
1400
1400
1300
1300
1200
1200
1100
1100
1000


Similar Part No. - 36522C8N7GTDG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
3652 BURR-BROWN-3652 Datasheet
127Kb / 13P
   Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
Texas Instruments
3652 TI-3652 Datasheet
149Kb / 14P
[Old version datasheet]   Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
Heyco.
3652 HEYCO-3652 Datasheet
160Kb / 1P
   Cable Holders - Arrowhead Mount
logo
List of Unclassifed Man...
36520 ETC2-36520 Datasheet
280Kb / 1P
   Wiha TORX Tools Wiha TORX Plus Tools
36525 ETC2-36525 Datasheet
280Kb / 1P
   Wiha TORX Tools Wiha TORX Plus Tools
More results

Similar Description - 36522C8N7GTDG

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1624112 MACOM-1624112 Datasheet
60Kb / 1P
   LOW INDUCTANCE, HIGH FREQUENCY CHIP INDUCTOR SERIES 3650
logo
Superworld Electronics
L1M-1N0S-10 SUPERWORLD-L1M-1N0S-10 Datasheet
406Kb / 10P
   High Frequency Chip Inductor
logo
List of Unclassifed Man...
LSMH-2012 ETC2-LSMH-2012 Datasheet
26Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
MPS Industries, Inc.
R7X0402CM MPSIND-R7X0402CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0603CW MPSIND-R7X0603CW Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0805CM MPSIND-R7X0805CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
logo
Caliber Electronics Inc...
LSMH-1608 CALIBER-LSMH-1608 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
LSMH-2012 CALIBER-LSMH-2012 Datasheet
27Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Allied Components Inter...
HFC02 ALLIED-HFC02 Datasheet
493Kb / 1P
   High Frequency Ceramic Chip Inductor
logo
List of Unclassifed Man...
LSMH-1608 ETC2-LSMH-1608 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com