Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMP75-8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMP75-8
Description  TRISIL TM FOR TELECOM EQUIPMENT PROTECTION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP75-8 Datasheet(HTML) 1 Page - STMicroelectronics

  SMP75-8 Datasheet HTML 1Page - STMicroelectronics SMP75-8 Datasheet HTML 2Page - STMicroelectronics SMP75-8 Datasheet HTML 3Page - STMicroelectronics SMP75-8 Datasheet HTML 4Page - STMicroelectronics SMP75-8 Datasheet HTML 5Page - STMicroelectronics SMP75-8 Datasheet HTML 6Page - STMicroelectronics SMP75-8 Datasheet HTML 7Page - STMicroelectronics SMP75-8 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
®
1/8
SMP75-8
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
REV. 4
SMB
(JEDEC DO-214AA)
January 2006
FEATURES
Bidirectional crowbar protection
Voltage: 8V
Low leakage current : IR = 2µA max
Holding current: IH = 150 mA min
Repetitive peak pulse current :
IPP = 75 A (10/1000µs)
MAIN APPLICATIONS
Any sensitive equipment requiring protection
against lightning strikes and power crossing:
Ethernet, T1/E1
DESCRIPTION
The SMP75-8 is a very low voltage transient surge
arrestor especially designed to protect sensitive
telecommunication equipment against lightning
strikes and other transients. Its low voltage makes
it suitable to protect low voltage transformer in T1/
E1, ethernet links without saturation of the trans-
former.
BENEFITS
Trisils are not subject to ageing and provide a fail
safe mode in short circuit for a better protection.
They are used to help equipment to meet main
standards such as UL1950, IEC950 / CSA C22.2
and UL1459. They have UL94 V0 approved resin.
SMB package is JEDEC registered (DO-214AA).
Trisils comply with the following standards GR-
1089 Core, ITU-T-K20/K21, VDE0433, VDE0878,
IEC61000-4-5 and FCC part 68.
Table 1: Order Code
Part Number
Marking
SMP75-8
L08
Figure 1: Schematic Diagram
TM: TRISIL is a trademark of STMicroelectronics.


Similar Part No. - SMP75-8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
   Trisil??for telecom equipment protection
More results

Similar Description - SMP75-8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
   Trisil??for telecom equipment protection
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
   Trisil for telecom equipment protection
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
   Trisil??for telecom equipment protection
SMP50 STMICROELECTRONICS-SMP50_07 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
SMP80MC STMICROELECTRONICS-SMP80MC_07 Datasheet
118Kb / 10P
   TRISIL for telecom equipment protection
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
July 2002 - Ed: 8C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com