Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB24S5-40 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DB24S5-40
Description  2:1 Input Voltage Range 40 Watt DC/DC Converter Single, Dual, and Triple Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DB24S5-40 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DB24S5-40 Datasheet HTML 1Page - Wall Industries,Inc. DB24S5-40 Datasheet HTML 2Page - Wall Industries,Inc. DB24S5-40 Datasheet HTML 3Page - Wall Industries,Inc. DB24S5-40 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DB Series
2:1 Input Voltage Range
40 Watt DC/DC Converter
Single, Dual, and Triple Outputs
NOTES
1. For single output: Maximum output deviation is 10% inclusive of remote sense and trim. If remote sense is not being used, the
+Vsense should be connected to its corresponding +OUTPUT and likewise the -Vsense should be connected to its corresponding
–OUTPUT.
2. Dual and triple outputs require a minimum 10% loading on the output to maintain specified regulation. Operation under no-load condition
will not damage these devices, however they may not meet all listed specifications.
3. Load regulation for triple output:
Main output (V1): 10% to 100% with 10% to 100% balanced on auxiliaries.
Auxiliary outputs (V2 and V3): 10% to 100% balanced on all outputs.
4. Cross regulation for dual output: asymmetrical load 25% / 100% FL
Cross regulation for triple output:
Main output 100% load, auxiliary 100%, other auxiliary25% to 100%.
Auxiliary outputs (V2 and V3): main output 100% load, auxiliary 100%, other auxiliary 25% to 100% or main output 25% auxiliary 25%,
other auxiliary 25% to 100%.
5. The models of DBXXD3.3-5-33 are specified with 1µF ceramic output capacitors.
6. Please add an external filter at converter input terminals when measuring input reflected ripple, as in Figure 1.
L: Simulated source impedance of 12µH.
C: Nippon chemi-con KMF series, 220µF/100V
7. The ON/OFF control pin voltage is referenced to the negative input.
8. Switching frequency for dual outputs: master (5Vo) 300KHz
slave (3.3Vo) 500KHz
9. BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled environment).
10. Heat sink is optional. Please call factory for ordering details.
11. An external filter capacitor is required for EMC testing. The capacitor should be capable of handing 1A ripple current for 12V/24V/48V
models. We suggest: Nippon chemi-con KMF series, 220µF/100V, ESR 90mΩ.
12. Any condition of dual output (3.3V / 5V) rated Iout current, not to exceed 8A of total output current.
13. Maximum value at nominal input voltage and full load.
14. Typical value at nominal input voltage and full load.
15. Test at minimum Vin and constant resistive load.
Figure 1
DERATING CURVES & EFFICIENCY GRAPHS


Similar Part No. - DB24S5-40

ManufacturerPart #DatasheetDescription
logo
Changzhou Shunye Electr...
DB240A SY-DB240A Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
logo
Jinan Jingheng (Group) ...
DB240A JINANJINGHENG-DB240A Datasheet
98Kb / 5P
   Bilateral Voltage triggered Switch
logo
Changzhou Shunye Electr...
DB240K SY-DB240K Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
DB240R SY-DB240R Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
logo
Jinan Jingheng (Group) ...
DB240R JINANJINGHENG-DB240R Datasheet
98Kb / 5P
   Bilateral Voltage triggered Switch
More results

Similar Description - DB24S5-40

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANEW WALL-LANEW Datasheet
189Kb / 4P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW WALL-LANEW_16 Datasheet
210Kb / 5P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
MSKW WALL-MSKW_16 Datasheet
209Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
JR5S5-2000 WALL-JR5S5-2000 Datasheet
151Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEW3 WALL-LANEW3 Datasheet
178Kb / 4P
   3 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
CB12S1.5-8500 WALL-CB12S1.5-8500 Datasheet
208Kb / 4P
   Single and Dual Outputs 30 Watt DC/DC Converter 2:1 Wide Input Voltage Range
DBW24S33-33 WALL-DBW24S33-33 Datasheet
162Kb / 3P
   Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DBW WALL-DBW Datasheet
107Kb / 4P
   Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
logo
Volgen Kaga Electronics...
FEC40 VOLGEN-FEC40 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Wall Industries,Inc.
KR12S33-1000 WALL-KR12S33-1000 Datasheet
153Kb / 3P
   6 Watt DC/DC Converter Single and Dual Outputs 2:1 and 4:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com