Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82144A2535A300 Datasheet(PDF) 6 Page - EPCOS

Part # B82144A2535A300
Description  Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82144A2535A300 Datasheet(HTML) 6 Page - EPCOS

  B82144A2535A300 Datasheet HTML 1Page - EPCOS B82144A2535A300 Datasheet HTML 2Page - EPCOS B82144A2535A300 Datasheet HTML 3Page - EPCOS B82144A2535A300 Datasheet HTML 4Page - EPCOS B82144A2535A300 Datasheet HTML 5Page - EPCOS B82144A2535A300 Datasheet HTML 6Page - EPCOS B82144A2535A300 Datasheet HTML 7Page - EPCOS B82144A2535A300 Datasheet HTML 8Page - EPCOS B82144A2535A300 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
11/05
RF chokes
LBC series
B82144A
Please read the Important notes at the end of
this document.
General technical data
Rated inductance LR
Measuring frequency: L
≤ 10 μH=
1 MHz
10
μH < L ≤ 4700 μH = 100 kHz
L > 4700
μH
= 10 kHz
Measuring current:
≤ 1 mA
Distance between
measuring clamps:
25.4 mm
Q factor Qmin
Measured with HP 4342A
Rated current IR
Maximum permissible DC current
referred to 40
°C ambient temperature,
for derating see below
Inductance decrease
ΔL/L
0
≤10% (referred to initial value) at I
R
at 20
°C ambient temperature
DC resistance Rmax
Measured at 20
°C ambient temperature,
distance between measuring clamps: 25.4 mm
Resonance frequency fres, min
Measured with Scalar Network Analyzer ZAS
from Rohde & Schwarz
Climatic category
55/125/56 (–55
°C/+125 °C/56 days damp heat test)
to IEC 60068-1
Solderability
235
°C, 2 s, ≥90% wetting
to IEC 60068-2–20, test Ta
Resistance to soldering heat
To IEC 60068-2-20, test Tb 260
°C, 10 s
Tensile strength of leads
To IEC 60068-2-21, test Ua
≥20 N
RoHS-compatible
RoHS-compatible is defined as compatible with the follow-
ing documents:
DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIA-
MENT AND OF THE COUNCIL of 13 February 2003 on the
restriction of the use of certain hazardous substances in
electrical and electronic equipment COM (2004) 606 final
Proposal for a COUNCIL DECISION amending Directive
2002/95/EC of the European Parliament and of the Council
for the purposes of establishing the maximum concentra-
tion values for certain hazardous substances in electrical
and electronic equipment.
Mounting information
When bending the leads, take care that the start-of-winding
areas at the face ends (protected by glue and
lacquer) are not subjected to any mechanical stress.


Similar Part No. - B82144A2535A300

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82144A2535A300 EPCOS-B82144A2535A300 Datasheet
186Kb / 9P
   Inductors
logo
TDK Electronics
B82144A2535A300 TDK-B82144A2535A300 Datasheet
610Kb / 9P
   RF chokes, LBC series
More results

Similar Description - B82144A2535A300

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82144A2106J EPCOS-B82144A2106J Datasheet
195Kb / 9P
   For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
B82144F2393J000 TDK-B82144F2393J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F2823J000 TDK-B82144F2823J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144A2102K000 TDK-B82144A2102K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
B82144B2153K000 TDK-B82144B2153K000 Datasheet
451Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
logo
EPCOS
B82143A EPCOS-B82143A Datasheet
199Kb / 9P
   Chokes and inductors
B78108S EPCOS-B78108S Datasheet
223Kb / 10P
   Chokes and inductors
B82111B EPCOS-B82111B Datasheet
112Kb / 6P
   Chokes and inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com