Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82144A2305A500 Datasheet(PDF) 3 Page - EPCOS

Part # B82144A2305A500
Description  Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82144A2305A500 Datasheet(HTML) 3 Page - EPCOS

  B82144A2305A500 Datasheet HTML 1Page - EPCOS B82144A2305A500 Datasheet HTML 2Page - EPCOS B82144A2305A500 Datasheet HTML 3Page - EPCOS B82144A2305A500 Datasheet HTML 4Page - EPCOS B82144A2305A500 Datasheet HTML 5Page - EPCOS B82144A2305A500 Datasheet HTML 6Page - EPCOS B82144A2305A500 Datasheet HTML 7Page - EPCOS B82144A2305A500 Datasheet HTML 8Page - EPCOS B82144A2305A500 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
11/05
RF chokes
B82144A
LBC series
Please read the Important notes at the end of
this document.
Characteristics and ordering codes
For further technical data see page 6.
1) Closer tolerances upon request.
2) For Ammo pack the last digit has to be a »9«. Example: B82144A2102K009
LR
μH
Toler-
ance1)
Qmin
fQ
MHz
IR
mA
Rmax
Ω
fres, min
MHz
Ordering code
(reel packing) 2)
1.0
± 10 %
K
40
7.96
2200
0.08
200
B82144A2102K000
1.5
40
7.96
2100
0.09
190
B82144A2152K000
2.2
40
7.96
1900
0.11
140
B82144A2222K000
3.3
40
7.96
1750
0.13
120
B82144A2332K000
4.7
40
7.96
1600
0.16
100
B82144A2472K000
6.8
40
7.96
1500
0.19
80
B82144A2682K000
10
60
2.52
1400
0.22
60
B82144A2103K000
15
60
2.52
1250
0.28
20
B82144A2153K000
22
50
2.52
1100
0.35
12
B82144A2223K000
33
± 5 %
J
40
2.52
900
0.43
8.0
B82144A2333J000
47
40
2.52
800
0.50
5.0
B82144A2473J000
68
30
2.52
700
0.60
4.5
B82144A2683J000
100
50
0.796
600
0.70
3.5
B82144A2104J000
150
50
0.796
500
0.90
3.0
B82144A2154J000
220
50
0.796
400
1.60
2.4
B82144A2224J000
330
50
0.796
330
1.90
2.0
B82144A2334J000
470
40
0.796
280
2.50
1.5
B82144A2474J000
680
30
0.796
240
2.80
1.3
B82144A2684J000
1000
60
0.252
200
3.80
1.2
B82144A2105J000
1500
60
0.252
160
6.00
1.0
B82144A2155J000
2200
60
0.252
120
9.00
0.8
B82144A2225J000
3300
60
0.252
110
12.0
0.6
B82144A2335J000
4700
60
0.252
90
20.0
0.5
B82144A2475J000
6800
60
0.252
80
30.0
0.4
B82144A2685J000
10000
50
0.0796
60
42.0
0.35
B82144A2106J000
15000
50
0.0796
50
68.0
0.30
B82144A2156J000
22000
50
0.0796
40
120
0.26
B82144A2226J000
^
^


Similar Part No. - B82144A2305A500

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82144A2305A500 EPCOS-B82144A2305A500 Datasheet
186Kb / 9P
   Inductors
logo
TDK Electronics
B82144A2305A500 TDK-B82144A2305A500 Datasheet
610Kb / 9P
   RF chokes, LBC series
More results

Similar Description - B82144A2305A500

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82144A2106J EPCOS-B82144A2106J Datasheet
195Kb / 9P
   For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
B82144F2393J000 TDK-B82144F2393J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F2823J000 TDK-B82144F2823J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144A2102K000 TDK-B82144A2102K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
B82144B2153K000 TDK-B82144B2153K000 Datasheet
451Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
logo
EPCOS
B82143A EPCOS-B82143A Datasheet
199Kb / 9P
   Chokes and inductors
B78108S EPCOS-B78108S Datasheet
223Kb / 10P
   Chokes and inductors
B82111B EPCOS-B82111B Datasheet
112Kb / 6P
   Chokes and inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com