Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFCW48S5-3000 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # JFCW48S5-3000
Description  Single & Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFCW48S5-3000 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  JFCW48S5-3000 Datasheet HTML 1Page - Wall Industries,Inc. JFCW48S5-3000 Datasheet HTML 2Page - Wall Industries,Inc. JFCW48S5-3000 Datasheet HTML 3Page - Wall Industries,Inc. JFCW48S5-3000 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
JFCW Series
Single & Dual Output
15 Watt DC/DC Converter
4:1 Ultra Wide Input Voltage Range
Rev. B 4/16/2008
EXTERNAL OUTPUT TRIMMING
6
5
4
TRIM
UP
TRIM
DOWN
RT1
or
RT2
Output can be externally trimmed by using
the method shown below.
Recommended Filter for EN55022 Class B Compliance
The components used in Figure 1, together with the manufacturers’
part numbers for these components, are as follows:
C1
C2
C3
C4 & C5
L1
JFCW24Sxx-xxxx 6.8uF/50V
6.8uF/50V
N/A
470pF/2KV
325uH
Common Choke
JFCW48Sxx-xxxx 2.2uF/100V 2.2uF/100V 2.2uF/100V
470pF/2KV
620uH
Common Choke
Recommended EN55022 Class B Filter Circuit
JFCW
SERIES


Similar Part No. - JFCW48S5-3000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFCW48S5-3000 WALL-JFCW48S5-3000 Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
JFCW48S5-3000D WALL-JFCW48S5-3000D Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
JFCW48S5-3000F WALL-JFCW48S5-3000F Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
JFCW48S5-3000G WALL-JFCW48S5-3000G Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
JFCW48S5-3000HS WALL-JFCW48S5-3000HS Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
More results

Similar Description - JFCW48S5-3000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DMW24S33-3000 WALL-DMW24S33-3000 Datasheet
236Kb / 9P
   Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
JFC12S33-4000 WALL-JFC12S33-4000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
MDW WALL-MDW Datasheet
256Kb / 3P
   Single and Dual Output 20 Watt DC/DC Converter 4:1 Wide Input Voltage Range
LANC8UW WALL-LANC8UW Datasheet
244Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
LANCUW12 WALL-LANCUW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
CMDBW WALL-CMDBW Datasheet
239Kb / 3P
   40 Watt Single Output Chassis Mount DC/DC Converter 4:1 Ultra Wide Input Voltage Range
MSKUW WALL-MSKUW_16 Datasheet
204Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 4:1 Ultra Wide Input Voltage Range
JRW24S33-2500 WALL-JRW24S33-2500 Datasheet
146Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com