Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIB4074 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PIB4074
Description  GAC to WOODWARD (8290) Interface Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PIB4074 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PIB4074 Datasheet HTML 1Page - List of Unclassifed Manufacturers PIB4074 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Engine
Governing
Systems
Document: Technical Description
Version:
1
Status:
actual
Author:
bs
Date: 01-12-07
Approved: ro
Date: 01-12-07
File:
PC
EAM108
GAC to WOODWARD (8290)
Interface Module
GAC PIB4074 (March 2001)
HUEGLI TECH LTD
SWITZERLAND
Tel.:+41-62-916 50 30
Fax.+41-62-916 50 35
www.huegli-tech.com
W:\DOKUMENTATION 2\Geräte\G A C\Périphérie\E A M\EAM 108\01-12-07-bs-PIB4074-EAM108.doc
Page 1 of 2
EAM108
GAC to WOODWARD (8290) INTERFACE MODULE
Introduction
The EAM 108 is an electronic interface module designed for use with the Woodward 8290
speed control. The typical application is where the GAC auto sync and load sharing system is
to be used with the 8290 engine speed control. The module accepts a nominal 5.0V DC
signal and provides a 1.5V DC signal output to the 8290 control. DC power for the module is
supplied from the 24V DC battery that powers the 8290 control.
Wiring
See Wiring Diagram.
Note: The common battery minus connection between the 8290, EAM 108, and the GAC
auto-sync and load sharing system should be as direct as possible electrically (minimum
voltage difference).
Specifications
Input impedance (Terminals D & A)
60K ohms
Output impedance (Terminals 11 & 12)
5.8K Ohms
Nominal output voltage (Terminals 11 & 12)
1.50V DC
Output voltage range (Terminals 11 & 12)
0-2.6V DC
Nominal input voltage (Terminals D & A)
5.0V DC
Transfer function
-1.9 volts/ volt
(without trim pot)
-1.1 volts/ volt (with trim pot)
Temperature range
-40° to +85°C
DC supply range (Terminals 1 & 12)
15 to 32V DC
DC supply current (Terminals 1 & 12)
20 mA
Trim Pot (Terminals A, B, & C)
use 5K trim potentiometer


Similar Part No. - PIB4074

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
PIB AITSEMI-PIB Datasheet
298Kb / 5P
   POWER INDUCTOR
logo
Superworld Electronics
PIB0402MP SUPERWORLD-PIB0402MP Datasheet
367Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0402MP1R0MN SUPERWORLD-PIB0402MP1R0MN Datasheet
367Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0402MP2R2MN SUPERWORLD-PIB0402MP2R2MN Datasheet
367Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0402MP3R3MN SUPERWORLD-PIB0402MP3R3MN Datasheet
367Kb / 8P
   MOLDED POWER CHOKE COIL
More results

Similar Description - PIB4074

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-3140 ADVANTECH-MIO-3140 Datasheet
134Kb / 1P
   Mini PCI Interface to SATA Storage Module Mini PCI Interface to Video Capture Module
logo
PCA ELECTRONICS INC.
EPE6284G PCA-EPE6284G Datasheet
23Kb / 1P
   Fiber to 10Base-T Interface Module
logo
List of Unclassifed Man...
DLP-USB1 ETC1-DLP-USB1 Datasheet
63Kb / 6P
   USB to FIFO Parallel Interface Module
logo
Pepperl+Fuchs Inc.
VLX-F231-B25 PF-VLX-F231-B25 Datasheet
717Kb / 3P
   Interface module
logo
WAGO Kontakttechnik Gmb...
289-652 WAGO-289-652 Datasheet
345Kb / 6P
   Interface module
22.11.2021
289-544 WAGO-289-544 Datasheet
396Kb / 6P
   Interface module
logo
Pepperl+Fuchs Inc.
VLX-F231-B6 PF-VLX-F231-B6 Datasheet
193Kb / 2P
   Interface module
VLX-F231-B17 PF-VLX-F231-B17 Datasheet
747Kb / 3P
   Interface module
logo
XFMRS Inc.
XFCIS3-COMBO4-4S XFMRS-XFCIS3-COMBO4-4S Datasheet
104Kb / 2P
   LINE INTERFACE MODULE
logo
Pepperl+Fuchs Inc.
WCS-IS311 PF-WCS-IS311 Datasheet
186Kb / 2P
   WCS interface module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com