Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4614B Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO4614B
Description  Complementary Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4614B Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO4614B Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4614B Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4614B Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4614B Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4614B Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4614B Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4614B Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Symbol
Max p-channel
Units
VDS
V
VGS
V
IDM
IAR
EAR
mJ
TJ, TSTG
°C
Symbol
Device
Typ
Max
Units
n-ch
48
62.5
°C/W
n-ch
74
110
°C/W
RθJL
n-ch
35
50
°C/W
p-ch
48
62.5
°C/W
p-ch
74
110
°C/W
RθJL
p-ch
35
50
°C/W
20
A
14
-20
9.8
Power Dissipation
Continuous Drain
Current
A
ID
PD
Avalanche Current
B
Repetitive avalanche energy L=0.1mH
B
TA=25°C
TA=70°C
Pulsed Drain Current
B
-55 to 150
Maximum Junction-to-Lead
C
Steady-State
Parameter
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
Maximum Junction-to-Ambient
A
40
-40
±20
Drain-Source Voltage
±20
Gate-Source Voltage
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Max n-channel
W
6
5
30
2
1.28
-4
-5
2
1.28
RθJA
Maximum Junction-to-Ambient
A
Steady-State
-30
TA=70°C
TA=25°C
Steady-State
Junction and Storage Temperature Range
Thermal Characteristics: n-channel and p-channel
-55 to 150
Maximum Junction-to-Lead
C
Steady-State
Maximum Junction-to-Ambient
A
t ≤ 10s
AO4614B
Complementary Enhancement Mode Field Effect Transistor
Features
n-channel
VDS (V) = 40V, ID = 6A (VGS=10V)
RDS(ON)< 30mΩ (VGS=10V)
RDS(ON)< 38mΩ (VGS=4.5V)
p-channel
VDS (V) = -40V, ID = -5A (VGS=-10V)
RDS(ON)< 45mΩ (VGS= -10V)
RDS(ON)< 63mΩ (VGS= -4.5V)
General Description
The AO4614B/L uses advanced trench technology
MOSFETs to provide excellent RDS(ON) and low gate
charge. The complementary MOSFETs may be
used in H-bridge, Inverters and other applications.
AO4614B and AO4614BL are electrically identical.
-RoHS Compliant
-AO4614BL is Halogen Free
G1
S1
G2
S2
D1
D1
D2
D2
1
2
3
4
8
7
6
5
SOIC-8
G2
D2
S2
G1
D1
S1
n-channel
p-channel
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO4614B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4614B AOSMD-AO4614B Datasheet
238Kb / 7P
   40V Dual P N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4614B KEXIN-AO4614B Datasheet
1Mb / 7P
   Complementary Trench MOSFET
logo
VBsemi Electronics Co.,...
AO4614B VBSEMI-AO4614B Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4614B-HF KEXIN-AO4614B-HF Datasheet
3Mb / 7P
   Complementary Trench MOSFET
logo
Alpha & Omega Semicondu...
AO4614B AOSMD-AO4614B_11 Datasheet
238Kb / 7P
   40V Dual P N-Channel MOSFET
More results

Similar Description - AO4614B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4622 AOSMD-AO4622 Datasheet
189Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO7600 ETC1-AO7600 Datasheet
139Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4604 AOSMD-AO4604_09 Datasheet
343Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4609 AOSMD-AO4609 Datasheet
656Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com