Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3560ES6PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3560ES6PBF
Description  2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3560ES6PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3560ES6PBF Datasheet HTML 7Page - Linear Technology LTC3560ES6PBF Datasheet HTML 8Page - Linear Technology LTC3560ES6PBF Datasheet HTML 9Page - Linear Technology LTC3560ES6PBF Datasheet HTML 10Page - Linear Technology LTC3560ES6PBF Datasheet HTML 11Page - Linear Technology LTC3560ES6PBF Datasheet HTML 12Page - Linear Technology LTC3560ES6PBF Datasheet HTML 13Page - Linear Technology LTC3560ES6PBF Datasheet HTML 14Page - Linear Technology LTC3560ES6PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC3560
3560f
APPLICATIO S I FOR ATIO
both power switches will be turned off and the SW node
will become high impedance.
To avoid the LTC3560 from exceeding the maximum
junction temperature, the user will need to do some
thermal analysis. The goal of the thermal analysis is to
determine whether the power dissipated exceeds the
maximum junction temperature of the part. The tempera-
ture rise is given by:
TR = (PD)(θJA)
where PD is the power dissipated by the regulator and θJA
is the thermal resistance from the junction of the die to the
ambient temperature.
The junction temperature, TJ, is given by:
TJ = TA + TR
where TA is the ambient temperature.
As an example, consider the LTC3560 in dropout at an
input voltage of 2.7V, a load current of 800mA and an
ambient temperature of 70
°C. From the typical perfor-
mance graph of switch resistance, the RDS(ON) of the
P-channel switch at 70
°C is approximately 0.31Ω. There-
fore, power dissipated by the part is:
PD = ILOAD2 • RDS(ON) = 198mW
For the SOT-23 package, the
θJA is 250°C/W. Thus, the
junction temperature of the regulator is:
TJ = 70°C + (0.198)(250) = 120°C
which is below the maximum junction temperature of
125
°C.
Note that at higher supply voltages, the junction tempera-
ture is lower due to reduced switch resistance (RDS(ON)).
Checking Transient Response
The regulator loop response can be checked by looking at
the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to (
∆ILOAD • ESR), where ESR is the effective series
resistance of COUT. ∆ILOAD also begins to charge or dis-
charge COUT, which generates a feedback error signal. The
regulator loop then acts to return VOUT to its steady-state
value. During this recovery time VOUTcan be monitored for
overshoot or ringing that would indicate a stability prob-
lem. For a detailed explanation of switching control loop
theory, see Application Note 76.
A second, more severe transient is caused by switching in
loads with large (>1
µF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in parallel
with COUT, causing a rapid drop in VOUT. No regulator can
deliver enough current to prevent this problem if the load
switch resistance is low and it is driven quickly. The only
solution is to limit the rise time of the switch drive so that
the load rise time is limited to approximately (25 • CLOAD).
Thus, a 10
µF capacitor charging to 3.3V would require a
250
µs rise time, limiting the charging current to about
130mA.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC3560. These items are also illustrated graphically in
Figures 4 and 5. Check the following in your layout:
1. The power traces, consisting of the GND trace, the SW
trace and the VIN trace should be kept short, direct and
wide.
2. Does the VFB pin connect directly to the feedback
resistors? The resistive divider R1/R2 must be con-
nected between the (+) plate of COUT and ground.
3. Does the (+) plate of CIN connect to VIN as closely as
possible? This capacitor provides the AC current to the
internal power MOSFETs.
4. Keep the (–) plates of CIN and COUT as close as possible.
5. Keep the switching node, SW, away from the sensitive
VFB node.
Design Example
As a design example, assume the LTC3560 is used in a
single lithium-ion battery-powered cellular phone
application. The VIN will be operating from a maximum of
4.2V down to about 2.7V. The load current requirement
is a maximum of 0.8A but most of the time it will be in


Similar Part No. - LTC3560ES6PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3560 LINER-LTC3560 Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3560 LINER-LTC3560 Datasheet
266Kb / 16P
   2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
LTC3560 LINER-LTC3560_15 Datasheet
266Kb / 16P
   2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
More results

Similar Description - LTC3560ES6PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3560 LINER-LTC3560_15 Datasheet
266Kb / 16P
   2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-2 LINER-LTC3406B-2 Datasheet
213Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-2 LINER-LTC3406B-2_15 Datasheet
223Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB-2 LINER-LTC3406AB-2_15 Datasheet
322Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3545 LINER-LTC3545 Datasheet
291Kb / 20P
   Triple 800mA Synchronous Step-Down Regulator-2.25MHz
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com