Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFS5 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SFS5
Description  AC-DC Converter Compact Miniature Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFS5 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SFS5 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 9Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 10Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 11Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 12Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 13Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 14Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DATASHEET
SEP 05, 2007
SFS5 Series AC-DC Converter Compact Miniature Type
With Your Electronics POWERPLAZA
www.powerplaza.co.kr
Efficiency Curve(Load Variation)
Load(%)
10
20
50
80
100
Load(%)
10
20
50
80
100
Eff(%)
50.8%
60.6%
68.2%
68.6%
70.0%
Eff(%)
59.5%
65.0%
74.6%
76.5%
76.8%
SFS5 - 3R3
SFS5 - 5
Load(%)
10
20
50
80
100
Load(%)
10
20
50
80
100
Eff(%)
51.4%
66.9%
77.7%
77.8%
80.2%
Eff(%)
50.0%
68.1%
76.5%
78.7%
79.5%
SFS5 - 12
SFS5 - 15
Load(%)
10
20
50
80
100
Eff(%)
52.1%
69.0%
77.5%
80.5%
81.6%
SFS5 - 24
Input 220Vac, Variation of efficiency,
from minimum load to maximum load.


Similar Part No. - SFS5

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFS5.0A SECOS-SFS5.0A Datasheet
340Kb / 3P
   Voltage 5 V ~ 54V 200W Peak Power TVS
SFS51A SECOS-SFS51A Datasheet
340Kb / 3P
   Voltage 5 V ~ 54V 200W Peak Power TVS
logo
Z-Communications, Inc
SFS5200A-LF ZCOMM-SFS5200A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
SFS5280A-LF ZCOMM-SFS5280A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS5280A-LF ZCOMM-SFS5280A-LF_11 Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
More results

Similar Description - SFS5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGS152415 ETC2-MGS152415 Datasheet
1Mb / 20P
   Compact and general use type Isolated type DC-DC converter
MG15 ETC2-MG15 Datasheet
960Kb / 3P
   Compact and general use type Isolated type DC-DC converter
logo
Bellnix Co.,Ltd.
BLC05 BELLNIX-BLC05 Datasheet
568Kb / 11P
   Ultra Low Noise, Ultra Compact, Isolated type DC-DC Converter
BLC12 BELLNIX-BLC12 Datasheet
484Kb / 11P
   Ultra Low Noise, Ultra Compact, Isolated type DC-DC Converter
BLA12 BELLNIX-BLA12 Datasheet
427Kb / 11P
   Ultra Low Noise, Ultra Compact, Isolated type DC-DC Converter
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com