Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS13702 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS13702
Description  136.6MHz IF SAW Filter 2MHz Bandwidth
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS13702 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS13702 Datasheet HTML 1Page - SIPAT Co,Ltd LBS13702 Datasheet HTML 2Page - SIPAT Co,Ltd LBS13702 Datasheet HTML 3Page - SIPAT Co,Ltd LBS13702 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS13702
Rev. Date
2007-05-28
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 3/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
136.6MHz IF SAW Filter
2MHz Bandwidth
Part Number: LBS13702
Typical Performance
Frequency Respond
Passband Respond
132
133
134
135
136
137
138
139
140
141
-116.1102
-106.1102
-96.1102
-86.1102
-76.1102
-66.1102
-56.1102
-46.1102
-36.1102
-26.1102
-16.1102
Type Performance
Frequency(MHz)
3dB CF = 136.6753MHz
1dB = 1.822MHz
3dB = 1.9974MHz
35dB = 2.6113MHz
40dB = 2.6469MHz
45dB = 2.6763MHz
50dB = 2.7017MHz
55dB = 2.7214MHz
Insert Loss = -26.1102dB
Passband Ripple = 0.34904dB
Ultimate Rejection = 54.8015dB
Group Delay = 83.1864ns
Phase Linearity = 2.1434deg
Absolute Delay = 3781.6779ns
Horizontal: 1MHz/Div
Vertical: 10dB/Div
134
135
136
137
138
139
-28.1102
-27.6102
-27.1102
-26.6102
-26.1102
-25.6102
-25.1102
-24.6102
Horizontal: 1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±0.8MHz)
Phase Linearity(f0±0.8MHz)
135
135.5
136
136.5
137
137.5
138
138.5
3400
3500
3600
3700
3800
3900
4000
X: 136.6
Y: 3790
Type Performance
Frequency(MHz)
X: 137.4
Y: 3786
X: 135.8
Y: 3780
Horizontal: 0.5MHz/Div
Vertical: 100ns/Div
135
135.5
136
136.5
137
137.5
138
138.5
-10
-8
-6
-4
-2
0
2
4
6
8
X: 136.6
Y: 0.08584
Type Performance
Frequency(MHz)
X: 135.8
Y: 0.4296
X: 137.4
Y: -0.04011
Horizontal: 0.5MHz/Div
Vertical: 2deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBS13702

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS13702 SIPAT-LBS13702 Datasheet
150Kb / 4P
   136.6MHz IF SAW Filter 2MHz Bandwidth
More results

Similar Description - LBS13702

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS13702 SIPAT-LBS13702 Datasheet
150Kb / 4P
   136.6MHz IF SAW Filter 2MHz Bandwidth
LBS12025 SIPAT-LBS12025 Datasheet
144Kb / 4P
   119.6MHz IF SAW Filter 2MHz Bandwidth
LBS12025 SIPAT-LBS12025 Datasheet
150Kb / 4P
   119.6MHz IF SAW Filter 2MHz Bandwidth
LBS08702 SIPAT-LBS08702 Datasheet
151Kb / 4P
   87MHz IF SAW Filter 2MHz Bandwidth
LBS18801 SIPAT-LBS18801 Datasheet
141Kb / 4P
   188.2MHz IF SAW Filter 2MHz Bandwidth
LBS18801 SIPAT-LBS18801 Datasheet
147Kb / 4P
   188.2MHz IF SAW Filter 2MHz Bandwidth
LBS08702 SIPAT-LBS08702 Datasheet
146Kb / 4P
   87MHz IF SAW Filter 2MHz Bandwidth
LBS13701 SIPAT-LBS13701 Datasheet
145Kb / 3P
   136.6MHz SAW Filter 3MHz Bandwidth
LBS13701 SIPAT-LBS13701 Datasheet
139Kb / 3P
   136.6MHz SAW Filter 3MHz Bandwidth
LBS07603 SIPAT-LBS07603 Datasheet
143Kb / 3P
   76MHz SAW Filter 2MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com