Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

08052A105CAT4A Datasheet(PDF) 10 Page - AVX Corporation

Part # 08052A105CAT4A
Description  Multilayer Ceramic Chip Capacitor
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08052A105CAT4A Datasheet(HTML) 10 Page - AVX Corporation

Back Button 08052A105CAT4A Datasheet HTML 6Page - AVX Corporation 08052A105CAT4A Datasheet HTML 7Page - AVX Corporation 08052A105CAT4A Datasheet HTML 8Page - AVX Corporation 08052A105CAT4A Datasheet HTML 9Page - AVX Corporation 08052A105CAT4A Datasheet HTML 10Page - AVX Corporation 08052A105CAT4A Datasheet HTML 11Page - AVX Corporation 08052A105CAT4A Datasheet HTML 12Page - AVX Corporation 08052A105CAT4A Datasheet HTML 13Page - AVX Corporation 08052A105CAT4A Datasheet HTML 14Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
9
X7R Dielectric
Typical Characteristic Curves**
+12
0
-6
-75
-50
-25
0
+25 +50 +75 +100 +125
Temperature
°C
Temperature Coefficient
+6
-12
-18
-24
+10
+20
0
-10
-20
1KHz
10 KHz
100 KHz
1 MHz
10 MHz
Frequency
Capacitance vs. Frequency
1,000
10,000
100
0
+20
+25
+40
+60
+80
Temperature
°C
Insulation Resistance vs Temperature
+100
10
100
1000
Frequency, MHz
Variation of Impedance with Cap Value
Impedance vs. Frequency
1,000 pF vs. 10,000 pF - X7R
0805
0.10
0.01
1.00
1,000 pF
10,000 pF
10.00
110
100
1,000
Frequency, MHz
Variation of Impedance with Chip Size
Impedance vs. Frequency
100,000 pF - X7R
0.1
.01
1.0
1206
0805
10
1210
110
100
1,000
Frequency, MHz
Variation of Impedance with Chip Size
Impedance vs. Frequency
10,000 pF - X7R
0.1
.01
1.0
1206
0805
10
1210
SUMMARY OF CAPACITANCE RANGES VS. CHIP SIZE
* Standard Sizes
** For additional information on performance changes with operating conditions consult AVX’s software SpiCap.
Style
10V
16V
25V
50V
100V
0402*
100pF - 47nF
100pF - 6.8nF
100pF - 3.9nF
0504
100pF - .01µF
100pF - 3.3nF
0603*
100pF - 0.22µF
100pF - 0.1µF
100pF - 47nF
100pF - 15nF
100pF - 4.7nF
0805*
100pF - 2.2µF
100pF - 0.47µF
100pF - 0.22µF
100pF - 0.1µF
100pF - 22nF
1206*
1.5µF - 4.7µF
1nF - 1µF
1nF - 1.0µF
1nF - 0.22µF
1nF - 0.1µF
1210*
1nF - 1.8µF
1nF - 1µF
1nF - 0.22µF
1nF - 0.1µF
1505
→→
1nF - 0.1µF
1nF - 27nF
1808
→→
10nF - 0.33µF
10nF - 0.33µF
10nF - 0.1µF
1812*
→→
10nF - 1µF
10nF - 0.47µF
1825*
→→
10nF - 1µF
10nF - 0.47µF
2220
→→
10nF - 1.5µF
10nF - 1.2µF
2225
→→
10nF - 2.2µF
10nF - 1.5µF


Similar Part No. - 08052A105CAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08052A101B72A AVX-08052A101B72A Datasheet
2Mb / 99P
   C0G (NP0) Dielectric
08052A101BA2A AVX-08052A101BA2A Datasheet
2Mb / 99P
   C0G (NP0) Dielectric
08052A101BA72A AVX-08052A101BA72A Datasheet
88Kb / 4P
   C0G (NP0) Dielectric General Specifications
08052A101BA72A AVX-08052A101BA72A Datasheet
134Kb / 4P
   C0G (NP0) Dielectric
logo
List of Unclassifed Man...
08052A101BA72A ETC2-08052A101BA72A Datasheet
91Kb / 4P
   C0G (NP0) Dielectric General Specifications
More results

Similar Description - 08052A105CAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
05045C272KAT1A AVX-05045C272KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C821KAT1A AVX-05045C821KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C103JA19A AVX-05045C103JA19A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A101KA79A AVX-05041A101KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Stackpole Electronics, ...
CML_C0G SEI-CML_C0G Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
logo
AVX Corporation
05041A121KA79A AVX-05041A121KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A820KA79A AVX-05041A820KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Suntan Capacitors
TS18 SUNTAN-TS18 Datasheet
281Kb / 10P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
TS18 SUNTAN-TS18_17 Datasheet
788Kb / 17P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
logo
Kingtronics Internation...
LKT KINGTRONICS-LKT Datasheet
365Kb / 8P
   Low Voltage Multilayer Chip Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com