Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K5331-K01 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # K5331-K01
Description  Multilayer Chip Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

K5331-K01 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button K5331-K01 Datasheet HTML 2Page - List of Unclassifed Manufacturers K5331-K01 Datasheet HTML 3Page - List of Unclassifed Manufacturers K5331-K01 Datasheet HTML 4Page - List of Unclassifed Manufacturers K5331-K01 Datasheet HTML 5Page - List of Unclassifed Manufacturers K5331-K01 Datasheet HTML 6Page - List of Unclassifed Manufacturers K5331-K01 Datasheet HTML 7Page - List of Unclassifed Manufacturers K5331-K01 Datasheet HTML 8Page - List of Unclassifed Manufacturers K5331-K01 Datasheet HTML 9Page - List of Unclassifed Manufacturers K5331-K01 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
32
Siemens Matsushita Components
Chip thickness: v: 0,5
± 0,1 mm u: 0,6 ± 0,1 mm
r
: 0,8
± 0,1 mm x: 1,2 ± 0,1 mm
Ordering codes for X7R/B characteristic, 16 Vdc, AgNiSn terminations
Size
0402/1005
0603/1608
0805/2012
1206/3216
CR
Ordering code 1)
B37921-
B37931-
B37941-
B37872-
470,0 pF
560,0 pF
680,0 pF
820,0 pF
1,0 nF
1,2 nF
1,5 nF
1,8 nF
2,2 nF
2,7 nF
3,3 nF
3,9 nF
4,7 nF
5,6 nF
6,8 nF
8,2 nF
10,0 nF
12,0 nF
15,0 nF
18,0 nF
22,0 nF
27,0 nF
33,0 nF
39,0 nF
47,0 nF
56,0 nF
68,0 nF
82,0 nF
100
nF
120
nF
150
nF
180
nF
220
nF
270
nF
330
nF
390
nF
470
nF
-K9471-K60
-K9561-K60
-K9681-K60
-K9821-K60
-K9102-K60
-K9122-K60
-K9152-K60
-K9182-K60
-K9222-K60
-K9272-K60
-K9332-K60
-K9392-K60
-K9472-K60
-K9562-K60
-K9682-K60
-K9822-K60
-K9103-K60
-K9123-K60
-K9153-K60
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
-K9472-K60
-K9562-K60
-K9682-K60
-K9822-K60
-K9103-K60
-K9123-K60
-K9153-K60
-K9183-K60
-K9223-K60
-K9273-K60
-K9333-K60
-K9393-K60
-K9473-K60
-K9563-K60
-K9683-K60
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
-K9103-K60
-K9123-K60
-K9153-K60
-K9183-K60
-K9223-K60
-K9273-K60
-K9333-K60
-K9393-K60
-K9473-K60
-K9563-K60
-K9683-K60
-K9823-K60
-K9104-K60
-K9124-K60
-K9154-K62
-K9184-K62
-K9224-K62
u
u
u
u
u
u
u
u
u
u
u
u
r
r
x
x
x
-K9223-K60
-K9273-K60
-K9333-K60
-K9393-K60
-K9473-K60
-K9563-K60
-K9683-K60
-K9823-K60
-K9104-K60
-K9124-K60
-K9154-K60
-K9184-K60
-K9220-K60
-K9274-K60
-K9334-K60
-K9394-K62
-K9474-K62
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
x
x
1) The tables contain the ordering codes for the standard capacitance tolerance:
K =
± 10 %. Example: B37921-K9471-K60
For other available capacitance tolerances see page 27


Similar Part No. - K5331-K01

ManufacturerPart #DatasheetDescription
logo
KATHREIN Solutions GmbH
K5332187 KATHREIN-K5332187 Datasheet
28Mb / 152P
   Information about KATHREIN Broadcast
K5332188 KATHREIN-K5332188 Datasheet
28Mb / 152P
   Information about KATHREIN Broadcast
More results

Similar Description - K5331-K01

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
TDK Electronics
C0402JB1A222K020BC TDK-C0402JB1A222K020BC_13 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402JB1C331M020BC TDK-C0402JB1C331M020BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X5R1E331K030BA TDK-C0603X5R1E331K030BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G154M030BB TDK-C0603X6S0G154M030BB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G223K030BC TDK-C0603X6S0G223K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334K030BC TDK-C0603X6S0G334K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334M030BC TDK-C0603X6S0G334M030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H121J050BA TDK-C1005C0G1H121J050BA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H221J050BA TDK-C1005C0G1H221J050BA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com