Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP400S-INS Datasheet(PDF) 4 Page - CTS Corporation

Part # MP400S-INS
Description  Quartz Crystal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

MP400S-INS Datasheet(HTML) 4 Page - CTS Corporation

  MP400S-INS Datasheet HTML 1Page - CTS Corporation MP400S-INS Datasheet HTML 2Page - CTS Corporation MP400S-INS Datasheet HTML 3Page - CTS Corporation MP400S-INS Datasheet HTML 4Page - CTS Corporation MP400S-INS Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document No. 008-0308-0
Page 4 - 5
Rev. C
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
MP Series
Low Cost Quartz Crystal
MECHANICAL SPECIFICATIONS
NOTES
1. Lead finish (e1), SnAgCu.
MARKING INFORMATION
1. CTS Part Number.
2. XXMXXXX – Frequency marked with 4 significant
digits after the ‘M’.
2. ** - Manufacturing Site Code.
3. YYWW – Date Code, YY – year, WW – week.
4. Complete CTS part number, frequency value and
date code information must appear on bag and
box labels.
MP PACKAGE DRAWING
MARKING INFORMATION
1. CTS Part Number.
2. XXMXXXX – Frequency marked with 4 significant
digits after the ‘M’.
2. ** - Manufacturing Site Code.
3. YYWW – Date Code, YY – year, WW – week.
4. Complete CTS part number, frequency value and
date code information must appear on bag and
box labels.
NOTES
1. Lead finish (e1), SnAgCu.
SUGGESTED SOLDER PAD GEOMETRY
Key: Inch [mm]
4.877 [123.87]
0.050 [1.27]
0.096 [2.44]
0.675 [17.15]
0.150 [3.81]
MP-SM PACKAGE DRAWING


Similar Part No. - MP400S-INS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4000 MPS-MP4000 Datasheet
557Kb / 12P
   Offline High Brightness White LED Driver Controller
logo
RFE international
MP40005S RFE-MP40005S Datasheet
508Kb / 2P
   BRIDGE RECTIFIERS 35 to 50 Amps
logo
Monolithic Power System...
MP4000DS MPS-MP4000DS Datasheet
557Kb / 12P
   Offline High Brightness White LED Driver Controller
MP4000DS MPS-MP4000DS Datasheet
381Kb / 6P
   350mA Off-Line WLED Driver Evalvation Board For 90-140VAC Input
logo
CHENG-YI ELECTRONIC CO....
MP4000S CHENG-YI-MP4000S Datasheet
148Kb / 2P
   40,50S IN-LINE BRIDGE RECTIFIER
More results

Similar Description - MP400S-INS

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
   Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
   Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
   Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
   Quartz Crystal
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
   Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
   Quartz Crystal
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
   QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
IQD Frequency Products ...
LFXTAL032878 IQD-LFXTAL032878 Datasheet
268Kb / 1P
   Quartz Crystal
LFXTAL057623 IQD-LFXTAL057623 Datasheet
144Kb / 1P
   Quartz Crystal
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com