Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

635E5C3 Datasheet(PDF) 2 Page - CTS Corporation

Part # 635E5C3
Description  LVPECL or LVDS CLOCK OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

635E5C3 Datasheet(HTML) 2 Page - CTS Corporation

  635E5C3 Datasheet HTML 1Page - CTS Corporation 635E5C3 Datasheet HTML 2Page - CTS Corporation 635E5C3 Datasheet HTML 3Page - CTS Corporation 635E5C3 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document No. 008-0284-0
Page 2 - 4
Rev. D
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model 635
7.5x5.0mm Low Cost
LVPECL or LVDS Clock Oscillator
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Supply Voltage
VCC
-
-0.5
-
5.0
V
Storage Temperature
TSTG
-
-55
-
125
°C
Frequency Range (See Note 1)
LVPECL and LVDS
19.44
-
250
Frequency Stability
(See Note 2 and Ordering Information)
∆f/fO
--
-
20, 25, 50
or 100
± ppm
Operating Temperature
Commercial
-20
70
Industrial
-40
85
2.38
2.5
2.63
3.14
3.3
3.47
Supply Current
LVPECL
-
50
100
LVDS
-
25
60
Start Up Time
TS
Application of VCC
-3
5
ms
Phase Jitter
tjrms
Bandwidth 12 kHz - 20 MHz
-
-
1
ps RMS
Period Jitter
pjrms
-
-
-
5
ps RMS
Enable Function
Standby
Enable Input Voltage
VIH
Pin 1 or Pin 2 Logic '1', Output Enabled
0.7*VCC
--
V
Disable Input Voltage
VIL
Pin 1 or Pin 2 Logic '0', Output Disabled
-
-
0.3*VCC
Disable Current
IIL
Pin 1 or Pin 2 Logic '1' , Output Disabled
-
-
20
uA
Enable Time
TPLZ
Pin 1 or Pin 2 Logic '1'
--
5
ns
LVPECL WAVEFORM
Output Load
RL
--
50
-
Ohms
Output Duty Cycle
SYM
@ VCC - 1.3V
45
-
55
%
Output Voltage Levels
Logic '1' Level
VOH
PECL Load
VCC - 1.025V
--
Logic '0' Level
VOL
PECL Load
-
-
VCC - 1.62V
Rise and Fall Time
fO < 100 MHz
-0.8
1.0
fO > 100 MHz
-0.5
0.6
LVDS WAVEFORM
Output Load
RL
Between Outputs
-
100
-
Ohms
Output Duty Cycle
SYM
@ 1.25V
45
-
55
%
Differential Output Voltage
VOD
RL = 100 Ohms
247
350
454
mV
Differential Output Error
-
-
-
-
50
mV
Offset Voltage
VOS
LVDS Load
1.125
1.25
1.375
V
Offset Error
-
-
-
-
50
mV
Output Voltage Levels
Logic '1' Level
VOH
LVDS Load
-
1.43
1.6
Logic '0' Level
VOL
LVDS Load
0.9
1.1
-
Rise and Fall Time
fO < 100 MHz
-0.8
1.0
fO > 100 MHz
-0.5
0.6
Notes:
1.
2.
fO
-MHz
TA
-°C
25
@ 20% - 80% Levels
mA
V
V
For frequencies above 160 MHz consult factory for availability.
TR, TF
@ 20% - 80% Levels
ns
Inclusive of initial tolerance at time of shipment, changes in supply voltage, load, temperature and 10 year aging.
VCC
± 5 %
TR, TF
Maximum Load
ns
Supply Voltage
ICC
V
PECL/LVDS OUTPUT WAVEFORM
Tr
Tf
UPTIME (t)
PERIOD (T)
80%
50%
20%
DUTY CYCLE = t/T x 100 (%)
OUT
OUT
OH
V
OL
V
VOS
ENABLE TRUTH TABLE
PIN 1 or PIN 2
PIN 4 / PIN 5
Logic ‘1’
Output
Open
Output
Logic ‘0’
High Imp.


Similar Part No. - 635E5C3

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
635 OSCILENT-635 Datasheet
141Kb / 2P
   Low Frequencies
logo
List of Unclassifed Man...
635 ETC2-635 Datasheet
87Kb / 1P
   COMPACT DIGITAL THERMOMETERS & THERMO-HYGROMETERS
logo
Glenair, Inc.
635-005 GLENAIR-635-005 Datasheet
270Kb / 2P
   Environmental Piggyback Boot Cable Feed-Through
logo
Oscilent Corporation
635-680K OSCILENT-635-680K Datasheet
141Kb / 2P
   Low Frequencies
logo
Anderson Power Products...
6350 APP-6350 Datasheet
1Mb / 9P
   SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
More results

Similar Description - 635E5C3

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9211 ACT-ACT9211 Datasheet
150Kb / 1P
   LVPECL or LVDS Clock Oscillator
13/2/08
ACT9SKV-6 ACT-ACT9SKV-6 Datasheet
134Kb / 3P
   LVPECL or LVDS Voltage Controlled Oscillator
2/11/05
logo
CTS Corporation
626 CTS-626 Datasheet
820Kb / 10P
   Very Low Jitter LVPECL or LVDS Clock
logo
Advanced Crystal Techno...
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
   LVPECL , LVDS OSCILLATOR
9/11/05
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
   LVPECL,LVDS Oscillator
01/08/05
logo
MTRONPTI
M5R MTRONPTI-M5R Datasheet
227Kb / 1P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5RJ MTRONPTI-M5RJ_08 Datasheet
513Kb / 2P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5RJ MTRONPTI-M5RJ Datasheet
264Kb / 1P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5R MTRONPTI-M5R_07 Datasheet
370Kb / 2P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
logo
Maxim Integrated Produc...
DS4M125 MAXIM-DS4M125 Datasheet
138Kb / 7P
   3.3V Margining Clock Oscillator with LVPECL/LVDS Output
Rev 0; 12/07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com