Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

635L5C3 Datasheet(PDF) 3 Page - CTS Corporation

Part # 635L5C3
Description  LVPECL or LVDS CLOCK OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

635L5C3 Datasheet(HTML) 3 Page - CTS Corporation

  635L5C3 Datasheet HTML 1Page - CTS Corporation 635L5C3 Datasheet HTML 2Page - CTS Corporation 635L5C3 Datasheet HTML 3Page - CTS Corporation 635L5C3 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document No. 008-0284-0
Page 3 - 4
Rev. D
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model 635
7.5x5.0mm Low Cost
LVPECL or LVDS Clock Oscillator
MECHANICAL SPECIFICATIONS
PACKAGE DRAWING
MARKING INFORMATION
0.303 MAX
(7.7)
0.100
(2.54)
5
2
(2.0)
MAX
(5.08)
0.200
0.055
0.079
(5.0 ±0.2)
0.197 ±0.008
(1.4)
0.147
(3.73)
Key: (mm)
Inch
3
46
PIN 1 IDENTIFIER
0.050
(1.27)
1
SUGGESTED SOLDER PAD GEOMETRY
.165 [4.20]
.071 [1.80]
Key:
[mm]
Inch
13
4
6
C BYPASS
2
5
.200 [5.08]
.100 [2.54]
.079 [2.00]
D.U.T. PIN ASSIGNMENTS
PIN
SYMBOL
DESCRIPTION
1
EOH or N.C.
Enable (std) or optional No Connect
2
EOH or N.C.
No Connect (std) or optional Enable
3
GND
Circuit & Package Ground
4
Output
RF Output
5
Output
Complimentary RF Output
6
VCC
Supply Voltage
1. ** - Manufacturing Site Code.
2. YYWW – Date code, YY – year, WW – week.
3. Truncated CTS part number.
4. XXXMXXXX - Frequency marked with 4
significant digits after the ‘M’.
NOTES
1. Termination pads (e4), barrier-plating is nickel
(Ni) with gold (Au) flash plate.
2. Reflow conditions per JEDEC J-STD-020.
CTS ** YYWW
635P3C3
● XXXMXXXX
TEST CIRCUIT, PECL LOAD
TEST CIRCUIT, LVDS LOAD
Enable Input or N.C.
0.01uF
SUPPLY
POWER
-
+
+
+
-
VM
-
mA
N.C. or Enable Input
(Thevenin Equivalent)
(Thevenin Equivalent)
3
4
12
D.U.T.
65
Vcc - 2.0V
50
R L
50
R L
Vcc - 2.0V
CH1
CH2
POWER
SUPPLY
+
-
+
-
-
+
VM
mA
0.01uF
D.U.T.
64
12
N.C. or Enable Input
3
5
CH1
CH2
100
R L
Enable Input or N.C.


Similar Part No. - 635L5C3

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
635LC5700K5PM8 ILLINOISCAPACITOR-635LC5700K5PM8 Datasheet
1Mb / 5P
   High AC Voltage - High current
More results

Similar Description - 635L5C3

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9211 ACT-ACT9211 Datasheet
150Kb / 1P
   LVPECL or LVDS Clock Oscillator
13/2/08
ACT9SKV-6 ACT-ACT9SKV-6 Datasheet
134Kb / 3P
   LVPECL or LVDS Voltage Controlled Oscillator
2/11/05
logo
CTS Corporation
626 CTS-626 Datasheet
820Kb / 10P
   Very Low Jitter LVPECL or LVDS Clock
logo
Advanced Crystal Techno...
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
   LVPECL , LVDS OSCILLATOR
9/11/05
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
   LVPECL,LVDS Oscillator
01/08/05
logo
MTRONPTI
M5R MTRONPTI-M5R Datasheet
227Kb / 1P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5RJ MTRONPTI-M5RJ_08 Datasheet
513Kb / 2P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5RJ MTRONPTI-M5RJ Datasheet
264Kb / 1P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5R MTRONPTI-M5R_07 Datasheet
370Kb / 2P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
logo
Maxim Integrated Produc...
DS4M125 MAXIM-DS4M125 Datasheet
138Kb / 7P
   3.3V Margining Clock Oscillator with LVPECL/LVDS Output
Rev 0; 12/07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com