Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K2152-K60 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # K2152-K60
Description  Multilayer Chip Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

K2152-K60 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  K2152-K60 Datasheet HTML 1Page - List of Unclassifed Manufacturers K2152-K60 Datasheet HTML 2Page - List of Unclassifed Manufacturers K2152-K60 Datasheet HTML 3Page - List of Unclassifed Manufacturers K2152-K60 Datasheet HTML 4Page - List of Unclassifed Manufacturers K2152-K60 Datasheet HTML 5Page - List of Unclassifed Manufacturers K2152-K60 Datasheet HTML 6Page - List of Unclassifed Manufacturers K2152-K60 Datasheet HTML 7Page - List of Unclassifed Manufacturers K2152-K60 Datasheet HTML 8Page - List of Unclassifed Manufacturers K2152-K60 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Siemens Matsushita Components
27
Features
q
High volumetric efficiency
q
Non-linear capacitance change
q
High insulation resistance
q
High pulse strength
Applications
q
Blocking
q
Coupling
q
Decoupling
q
Interference suppression
Terminations
q
For soldering:
Sizes 0402 through 1210:
silver/nickel/tin
Sizes 1812, 2220:
silver palladium
q
For conductive adhesion:
All sizes:
silver palladium
Packing
q
Blister and cardboard tape,
for details refer to chapter
“Taping and Packing”, page 111.
q
Bulk case for sizes 0603, 0805
and 1206, for details see page 114.
Maximum ratings
Climatic category
in accordance with IEC 68-1: 55/125/56
Dimensions (mm)
*) For bulk cases: 1,6
± 0,1
Tolerances in acc. with CECC 32101-801
Available capacitance tolerances
Standard tolerance in bold print
J tolerance not available for 16 V, 200 V and
500 V
Rated voltage values
VR = 16 V, 25 V, 50 V,100 V, 200 V, 500 V
Size
inch/mm
lb
s
k
0402/1005 1,0
± 0,10 0,50 ± 0,05 0,5 ± 0,05 0,2
0603/1608 1,6
± 0,15*) 0,80 ± 0,10 0,8 ± 0,10 0,3
0805/2012 2,0
± 0,20 1,25 ± 0,15 1,3 max.
0,5
1206/3216 3,2
± 0,20 1,60 ± 0,15 1,3 max.
0,5
1210/3225 3,2
± 0,30 2,50 ± 0,30 1,7 max.
0,5
1812/4532 4,5
± 0,30 3,20 ± 0,30 1,3 max.
0,5
2220/5750 5,7
± 0,40 5,00 ± 0,40 1,3 max
0,5
Tolerance
Symbol
∆C
R/CR = ±
5 %
∆C
R/CR = ± 10 %
∆C
R/CR = ± 20 %
J
K
M
KKE0272-V
s
b
k
k
l
Multilayer Chip Capacitors
X7R/B Characteristic
Jump to preceding page


Similar Part No. - K2152-K60

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
K2150 TOSHIBA-K2150 Datasheet
486Kb / 5P
   SILICON N CHANNEL MOS TYPE
More results

Similar Description - K2152-K60

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
TDK Electronics
C0402JB1A222K020BC TDK-C0402JB1A222K020BC_13 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402JB1C331M020BC TDK-C0402JB1C331M020BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X5R1E331K030BA TDK-C0603X5R1E331K030BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G154M030BB TDK-C0603X6S0G154M030BB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G223K030BC TDK-C0603X6S0G223K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334K030BC TDK-C0603X6S0G334K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334M030BC TDK-C0603X6S0G334M030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H121J050BA TDK-C1005C0G1H121J050BA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H221J050BA TDK-C1005C0G1H221J050BA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com