Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXO45-C Datasheet(PDF) 4 Page - CTS Corporation

Part # MXO45-C
Description  METAL DIP CLOCK OSCILLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

MXO45-C Datasheet(HTML) 4 Page - CTS Corporation

  MXO45-C Datasheet HTML 1Page - CTS Corporation MXO45-C Datasheet HTML 2Page - CTS Corporation MXO45-C Datasheet HTML 3Page - CTS Corporation MXO45-C Datasheet HTML 4Page - CTS Corporation MXO45-C Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document No. 008-0258-0
Page 4 - 5
Rev. E
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
MXO45/MXO45HS
Metal DIP Clock Oscillator
PACKAGE DRAWING
DIP-8
DENOTES
PIN 1
MIN
5.000
0.197
MAX
0.400/0.550
0.016/0.022
0.950
0.037
0.300 ± 0.012
0.520
13.200
MAX
7.620 ± 0.300
5.500
0.217
MAX
7.620 ± 0.300
0.300 ± 0.012
2.540
0.100
NOTE: 3 OR 4
STANDOFFS ALLOWED.
13.200
0.520
MAX
8
5
INCH
MM
KEY:
FOR REFERENCE ONLY.
THE NUMBERS ARE NOT
MARKED ON BOTTOM.
1
4
MARKING INFORMATION
1. Model Name: MXO45HS or MXO45HST.
2. XXXMXXXX - Frequency marked with 4 significant digits after the ‘M’.
3. ST – Frequency stability/temperature code.
(Reference Ordering Information.)
4. YYWW – Date code, YY – year, WW – week.
5. ** - Manufacturing Site Code.
NOTES
1. Lead finish (e1), SnAgCu.
2. Reflow conditions per JEDEC J-STD-020.
PACKAGING
Product is packaged in plastic trays.
Typical packaging format is as follows:
50 pcs./Plastic Tray.
Tray size is approximately 180x136x18mm (LxWxH).
2 Trays/Anti-Static Bag (100 pcs.)
or
10 Trays/Anti-Static Bag (500 pcs.).
Bag height for 10 Trays is approximately 175mm.
1 Anti-Static Bag/Cardboard Carton.
Master-pack multiple Cardboard Cartons in a larger carton.
8 Cardboard Cartons (10 trays per carton) is approximately
460x380x400mm (LxWxH).
MXO45HS
XXXMXXXX
CTS
ST
● YYWW **


Similar Part No. - MXO45-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXO45-2C ETC1-MXO45-2C Datasheet
77Kb / 3P
   Metal DIP Clock Oscillator
MXO45-2I ETC1-MXO45-2I Datasheet
77Kb / 3P
   Metal DIP Clock Oscillator
MXO45-3C ETC1-MXO45-3C Datasheet
77Kb / 3P
   Metal DIP Clock Oscillator
MXO45-3I ETC1-MXO45-3I Datasheet
77Kb / 3P
   Metal DIP Clock Oscillator
MXO45-5C ETC1-MXO45-5C Datasheet
77Kb / 3P
   Metal DIP Clock Oscillator
More results

Similar Description - MXO45-C

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MXO45LV CTS-MXO45LV Datasheet
107Kb / 5P
   METAL DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
MXO45 ETC1-MXO45 Datasheet
77Kb / 3P
   Metal DIP Clock Oscillator
logo
ECS, Inc.
ECS-2200 ECS-ECS-2200 Datasheet
189Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-2200 ETC1-ECS-2200 Datasheet
106Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2100 ECS-ECS-2100 Datasheet
170Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
ECS-2100X ECS-ECS-2100X Datasheet
182Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-2100 ETC1-ECS-2100 Datasheet
170Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2200X ECS-ECS-2200X Datasheet
183Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
Oscilent Corporation
320-4.0M-3DN-TNC OSCILENT-320-4.0M-3DN-TNC Datasheet
143Kb / 3P
   Metal Dip Half Size Clock Oscillators
330-2.0M-5DN-TNC OSCILENT-330-2.0M-5DN-TNC Datasheet
140Kb / 3P
   Metal Dip Full Size Clock Oscillators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com