Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA427A Datasheet(PDF) 2 Page - STMicroelectronics

Part # SMA427A
Description  50 ohm / 50ohm Low Noise Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA427A Datasheet(HTML) 2 Page - STMicroelectronics

  SMA427A Datasheet HTML 1Page - STMicroelectronics SMA427A Datasheet HTML 2Page - STMicroelectronics SMA427A Datasheet HTML 3Page - STMicroelectronics SMA427A Datasheet HTML 4Page - STMicroelectronics SMA427A Datasheet HTML 5Page - STMicroelectronics SMA427A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMA427A
2/6
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Id
Supply Current
9.5
mA
|S21|2
Insertion power gain
f = 1 GHz
f = 1.575 GHz
f = 1.8 GHz
22
18
17
dB
S12
Reverse Isolation
f = 1 GHz
f = 1.575 GHz
f = 1.8 GHz
27
25
20
dB
NF
Noise Figure
f = 1 GHz
f = 1.575 GHz
f = 1.8 GHz
1.8
2
2.2
dB
IP3out
Intercept point at output
f = 1.575 GHz
7.4
dBm
RLin
Input Return Loss
f = 1 GHz
f = 1.575 GHz
f = 1.8 GHz
>12
>12
>12
dB
RLout
Output Return Loss
f = 1 GHz
f = 1.575 GHz
f = 1.8 GHz
>12
>12
>12
dB
ELECTRICAL CHARACTERISTICS
(Ta = +25oC, VD = 3V, Zo = 50
Ω, tested in circuit shown in Appl.1, unless otherwise specified)
1
2
34
C
B
A
Title
Number
Revision
Size
A4
Date:
23-Jul-2002
Sheet
of
File:
C:\PROGETTI\SMA DEVICE\SMA 427\SMA 427.ddb
Drawn By:
1
2
Vcc
J1
RF IN
J2
RF OUT
C3
10p
C2
33p
C4
47n
+ C1
1u
1
2
3
4
SMA 427A
U1
Typical configuration
SOT343
4
12
3
Top view
Pin No.
Description
1IN
2GND
3+V
4OUT
SOT343
PIN CONNECTION


Similar Part No. - SMA427A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SMA4203 SANYO-SMA4203 Datasheet
31Kb / 3P
   Oscillator IC for Laser Diode Noise Suppression Applications
logo
Solid State Optronic
SMA4217 SSOUSA-SMA4217 Datasheet
313Kb / 8P
   Low Input Control Current (5mA MAX)
SMA4240 SSOUSA-SMA4240 Datasheet
343Kb / 7P
   High Input-to-Output Isolation
logo
STMicroelectronics
SMA428A STMICROELECTRONICS-SMA428A Datasheet
103Kb / 8P
   High Gain, Low Noise Amplifier
SMA428ATR STMICROELECTRONICS-SMA428ATR Datasheet
103Kb / 8P
   High Gain, Low Noise Amplifier
More results

Similar Description - SMA427A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGL-0163 ETC-SGL-0163 Datasheet
211Kb / 6P
   800-1000 MHZ LOW NOISE AMPLIFIER 50 OHM SILICON GERMANIUM
logo
Mini-Circuits
MAV-11A MINI-MAV-11A Datasheet
73Kb / 1P
   MAV-11A Monolithic Amplifier 50OHM 50 to 2000 MHz
logo
ANADIGICS, Inc
AGB3301 ANADIGICS-AGB3301_12 Datasheet
1Mb / 16P
   50ohm High Linearity Low Noise Wideband Gain Block
AGB3300 ANADIGICS-AGB3300 Datasheet
281Kb / 16P
   50OHM HIGH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
logo
Tyco Electronics
MAAM-007724-000000 MACOM-MAAM-007724-000000 Datasheet
115Kb / 4P
   Low Noise CATV Amplifier 50 - 1005 MHz
logo
M/A-COM Technology Solu...
MAAMSS0003 MA-COM-MAAMSS0003 Datasheet
93Kb / 4P
   Low Noise CATV Amplifier 50 - 1000 MHz
MAAMSS0040 MA-COM-MAAMSS0040 Datasheet
107Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
logo
Pasternack Enterprises,...
PE1517 PASTERNACK-PE1517 Datasheet
387Kb / 2P
   Low Noise Amplifier 50 to 1000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0001 MA-COM-MAAMSS0001 Datasheet
106Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0067 MA-COM-MAAMSS0067 Datasheet
94Kb / 4P
   Low Noise CATV Amplifier 50 - 1000 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com