Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHE1270 Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHE1270
Description  12-40GHz Wide Band Detector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHE1270 Datasheet(HTML) 6 Page - United Monolithic Semiconductors

  CHE1270 Datasheet HTML 1Page - United Monolithic Semiconductors CHE1270 Datasheet HTML 2Page - United Monolithic Semiconductors CHE1270 Datasheet HTML 3Page - United Monolithic Semiconductors CHE1270 Datasheet HTML 4Page - United Monolithic Semiconductors CHE1270 Datasheet HTML 5Page - United Monolithic Semiconductors CHE1270 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CHE1270
12-40GHz Detector
Ref. : DSCHE1270-7297 - 24 Oct 07
6/6
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Note
Resistors in parallel with Vdet and Vref pads have to be identical. Only a 1% variation of this
resistor value might be accepted to guarantee a correct detection.
Due to ESD protection circuits on RF input, an external capacitance might be requested to
isolate the product from external voltage that could be present on the RF access.
ESD protections are also implemented on Vdet and Vref accesses.
Ordering Information
Chip form:
CHE1270-98F/00
Information furnished is believed to be accurate and reliable. However United Monolithic Semiconductors
S.A.S. assumes no responsibility for the consequences of use of such information nor for any infringement of
patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of United Monolithic Semiconductors S.A.S.. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all
information previously supplied. United Monolithic Semiconductors S.A.S. products are not authorised for use
as critical components in life support devices or systems without express written approval from United Monolithic
Semiconductors S.A.S


Similar Part No. - CHE1270

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHE1270-QAG UMS-CHE1270-QAG Datasheet
438Kb / 8P
   12-40GHz Wide Band Detector
CHE1270-QAG UMS-CHE1270-QAG Datasheet
314Kb / 12P
   5-44GHz Detector
CHE1270-QAG UMS-CHE1270-QAG Datasheet
326Kb / 12P
   5-44GHz Detector
CHE1270-QAG/20 UMS-CHE1270-QAG/20 Datasheet
438Kb / 8P
   12-40GHz Wide Band Detector
CHE1270-QAG/21 UMS-CHE1270-QAG/21 Datasheet
438Kb / 8P
   12-40GHz Wide Band Detector
More results

Similar Description - CHE1270

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHE1270-QAG UMS-CHE1270-QAG Datasheet
438Kb / 8P
   12-40GHz Wide Band Detector
CHE1270A UMS-CHE1270A Datasheet
222Kb / 6P
   12-40GHz Wide Band Detector
logo
Rohm
BH4126FV ROHM-BH4126FV Datasheet
102Kb / 10P
   Wide band IF detector for RF remote control units
logo
Analog Devices
HMC7447 AD-HMC7447 Datasheet
383Kb / 8P
   E-BAND DETECTOR
logo
NTE Electronics
NTE1096 NTE-NTE1096 Datasheet
77Kb / 2P
   Integrated Circuit TV AFT, High Frequency Wide-Band Amplifier/Phase Detector
logo
Toshiba Semiconductor
TA31161FNG TOSHIBA-TA31161FNG Datasheet
528Kb / 16P
   WIDE-BAND IF DETECTOR IC WITH BUILT=IN HIGH-SPEED MUXER
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
logo
OKI electronic componet...
KGF2701 OKI-KGF2701 Datasheet
100Kb / 7P
   Wide-Band Amplifier
logo
Taoglas antenna solutio...
CGGP.35.3.A.02 TAOGLAS-CGGP.35.3.A.02 Datasheet
1Mb / 11P
   wide-band operation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com