Electronic Components Datasheet Search |
|
MR061C1R4GAT Datasheet(PDF) 5 Page - AVX Corporation |
|
MR061C1R4GAT Datasheet(HTML) 5 Page - AVX Corporation |
5 / 6 page 24 STANDARD 2 STANDARD 1 Radial Leads/Packaging Tape and Reel The Insertables GENERAL INFORMATION 1. Standard reel diameter is 355 millimeters (14 inches) maximum. 2. Reeling standard (#1 or #2) should be specified when ordering. HOW TO ORDER To specify tape and reel packaging, add TR1, TR2 or TRX to the end of the AVX 12 digit part number. Examples: SR215C104KAATR1 SR305E105MAATR2 SR215C103JAATRX 32 mm max. 16 ± 0.5 mm SR07 SR29 SR59 SR65 SR75 32 mm max. 19 mm min. SR07 SR29 SR59 SR65 SR75 STANDARD 1 32 max. 16 ± .5 SR29 SR28 SR12 SR21 SR13 SR32 MR05 32 max. 16 min. SR15 MR06 SR30 SR40 20 +1.5 -1.0 SR21 SR32 SR63 (TRX) (TRX) (TRX) SR20 Dimensions in Millimeters STANDARD 2 32 max. 19 min. SR29 SR28 SR12 SR21 SR13 SR32 MR05 32 max. 19 min. SR15 MR06 SR30 SR40 SR20 Dimensions in Millimeters T K E D B A L Q C W R F S S O NM X DESCRIPTION A. Feed Hole Pitch B. Feed Hole Diameter C. Feed Hole Location D. Component Lead Spacing E. Component Lead Location F. Component Lead Protrusion (edge of carrier to cut end of lead) K. Component Body Location L. Carrier Tape Width M. Carrier Tape Assembly Thickness N. Carrier Tape Spliced Thickness O. Carrier Tape Spliced Length Q. Adhesive Tape Border R. Component Bent Leads (either direction) S. Component Misalignment T. Component Pitch W. Adhesive Tape Width X. Carrier Tape Thickness Y. Cumulative Pitch over 20 Pitches DIMENSIONS (MM) 12.70 ± .20 3.99 ± .20 9.02 ± .51 5.00 +.79 or 2.54 +.79 -.20 -.20 3.81 ±.51 or 5.00 ±.51 for 2.54 lead spacing 2.00 maximum 6.35 ±.41 18.01 +1.02 -.51 .71 ± .20 1.42 maximum 50.80 - 88.90 3.00 maximum .79 maximum .99 maximum 12.70 ±.99 5.00 minimum .51 ±.10 254 ±2.00 |
Similar Part No. - MR061C1R4GAT |
|
Similar Description - MR061C1R4GAT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |