Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

08053C105DAT2A Datasheet(PDF) 9 Page - AVX Corporation

Part # 08053C105DAT2A
Description  Multilayer Ceramic Chip Capacitor
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08053C105DAT2A Datasheet(HTML) 9 Page - AVX Corporation

Back Button 08053C105DAT2A Datasheet HTML 5Page - AVX Corporation 08053C105DAT2A Datasheet HTML 6Page - AVX Corporation 08053C105DAT2A Datasheet HTML 7Page - AVX Corporation 08053C105DAT2A Datasheet HTML 8Page - AVX Corporation 08053C105DAT2A Datasheet HTML 9Page - AVX Corporation 08053C105DAT2A Datasheet HTML 10Page - AVX Corporation 08053C105DAT2A Datasheet HTML 11Page - AVX Corporation 08053C105DAT2A Datasheet HTML 12Page - AVX Corporation 08053C105DAT2A Datasheet HTML 13Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
8
X7R Dielectric
General Specifications
X7R formulations are called “temperature stable” ceramics
and fall into EIA Class II materials. X7R is the most popular
of these intermediate dielectric constant materials. Its tem-
perature variation of capacitance is within ±15% from
-55°C to +125°C. This capacitance change is non-linear.
Capacitance for X7R varies under the influence of electrical
operating conditions such as voltage and frequency.
X7R dielectric chip usage covers the broad spectrum of
industrial applications where known changes in capaci-
tance due to applied voltages are acceptable.
Capacitance Range
100 pF to 2.2 µF (1.0 ±0.2 Vrms, 1kHz)
Capacitance Tolerances
Preferred ±10%, ±20%
others available: ±5%, +80 –20%
Operating Temperature Range
-55°C to +125°C
Temperature Characteristic
±15% (0 VDC)
Voltage Ratings
10, 16, 25, 50, 100 VDC (+125°C)
Dissipation Factor
For 50 volts and 100 volts: 2.5% max.
For 25 volts: 3.0% max.
For 16 volts: 3.5% max.
For 10 volts: 5% max.
Insulation Resistance (+25°C, RVDC)
100,000 megohms min. or 1000 M
Ω - µF min., whichever is less
Insulation Resistance (+125°C, RVDC)
10,000 megohms min. or 100 M
Ω - µF min., whichever is less
Dielectric Strength
250% of rated voltage for 5 seconds at 50 mamp max. current
Test Voltage
1.0 ± 0.2 Vrms
Test Frequency
1 KHz
PERFORMANCE CHARACTERISTICS
0805
Size
(L" x W")
5
Voltage
10V = Z
16V = Y
25V = 3
50V = 5
100V = 1
C
Dielectric
X7R = C
103
Capacitance
Code
M
Capacitance
Tolerance
Preferred
M = ± 20%
K = ±10%
A
Failure
Rate
A = Not
Applicable
T
Terminations
T = Plated Ni
and Solder
2
Packaging
2 = 7" Reel
4 = 13" Reel
A
Special
Code
A = Std.
Product
PART NUMBER (see page 3 for complete part number explanation)


Similar Part No. - 08053C105DAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08053C105K4Z2A AVX-08053C105K4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM짰
08053C105KAZ2A AVX-08053C105KAZ2A Datasheet
199Kb / 5P
   With increased requirements from the automotive industry for additional component robustness, AVX recognized the need to produce a MLCC with enhanced mechanical strength.
08053C105MAT2A AVX-08053C105MAT2A Datasheet
131Kb / 4P
   General Specifications
More results

Similar Description - 08053C105DAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
05045C272KAT1A AVX-05045C272KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C821KAT1A AVX-05045C821KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C103JA19A AVX-05045C103JA19A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A101KA79A AVX-05041A101KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Stackpole Electronics, ...
CML_C0G SEI-CML_C0G Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
logo
AVX Corporation
05041A121KA79A AVX-05041A121KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A820KA79A AVX-05041A820KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Suntan Capacitors
TS18 SUNTAN-TS18 Datasheet
281Kb / 10P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
TS18 SUNTAN-TS18_17 Datasheet
788Kb / 17P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
logo
Kingtronics Internation...
LKT KINGTRONICS-LKT Datasheet
365Kb / 8P
   Low Voltage Multilayer Chip Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com