Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J5394-K62 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # J5394-K62
Description  Multilayer Chip Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

J5394-K62 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button J5394-K62 Datasheet HTML 4Page - List of Unclassifed Manufacturers J5394-K62 Datasheet HTML 5Page - List of Unclassifed Manufacturers J5394-K62 Datasheet HTML 6Page - List of Unclassifed Manufacturers J5394-K62 Datasheet HTML 7Page - List of Unclassifed Manufacturers J5394-K62 Datasheet HTML 8Page - List of Unclassifed Manufacturers J5394-K62 Datasheet HTML 9Page - List of Unclassifed Manufacturers J5394-K62 Datasheet HTML 10Page - List of Unclassifed Manufacturers J5394-K62 Datasheet HTML 11Page - List of Unclassifed Manufacturers J5394-K62 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
34
Siemens Matsushita Components
Chip thickness: r: 0,8
± 0,1 mm x: 1,2 ± 0,1 mm
Ordering codes for X7R/B characteristic, 25 Vdc, AgNiSn terminations (cont´d)
Size
0402/1005
0603/1608
0805/2012
1206/3216
CR
Ordering code 1)
B37921-
B37931-
B37941-
B37872-
82,0 nF
100,0 nF
120,0 nF
150,0 nF
180,0 nF
220,0 nF
-K0823-K62
-K0104-K62
x
x
-K0823-K62
-K0104-K62
-K0124-K62
-K0154-K62
-K0184-K62
-K0224-K62
r
r
r
r
x
x
1) The tables contain the ordering codes for the standard capacitance tolerance:
K =
± 10 %. Example: B37941-K0823-K62
For other available capacitance tolerances see page 27


Similar Part No. - J5394-K62

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
J53-SERIES EDAC-J53-SERIES Datasheet
175Kb / 1P
   J53 Series 2 PORT RJ11, TAB UP RIGHT ANGLE PCB MOUNT, NON-SHIELDED WITH PANEL STOPS, 2.3mm FOOTPRINT
J53026622N00013 EDAC-J53026622N00013 Datasheet
175Kb / 1P
   J53 Series 2 PORT RJ11, TAB UP RIGHT ANGLE PCB MOUNT, NON-SHIELDED WITH PANEL STOPS, 2.3mm FOOTPRINT
J53026622N00013 EDAC-J53026622N00013 Datasheet
88Kb / 1P
   J53 Series,2 PORT RJ11, TAB UP RIGHT ANGLE PCB MOUNT, NON-SHIELDED WITH PANEL STOPS, 2.3mm FOOTPRINT
J53026622P00013 EDAC-J53026622P00013 Datasheet
175Kb / 1P
   J53 Series 2 PORT RJ11, TAB UP RIGHT ANGLE PCB MOUNT, NON-SHIELDED WITH PANEL STOPS, 2.3mm FOOTPRINT
J53026622P00013 EDAC-J53026622P00013 Datasheet
88Kb / 1P
   J53 Series,2 PORT RJ11, TAB UP RIGHT ANGLE PCB MOUNT, NON-SHIELDED WITH PANEL STOPS, 2.3mm FOOTPRINT
More results

Similar Description - J5394-K62

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
TDK Electronics
C0402JB1A222K020BC TDK-C0402JB1A222K020BC_13 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402JB1C331M020BC TDK-C0402JB1C331M020BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X5R1E331K030BA TDK-C0603X5R1E331K030BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G154M030BB TDK-C0603X6S0G154M030BB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G223K030BC TDK-C0603X6S0G223K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334K030BC TDK-C0603X6S0G334K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334M030BC TDK-C0603X6S0G334M030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H121J050BA TDK-C1005C0G1H121J050BA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H221J050BA TDK-C1005C0G1H221J050BA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com