Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD4135F2-15J Datasheet(PDF) 9 Page - STMicroelectronics

Part # PSD4135F2-15J
Description  Flash In-System-Programmable Peripherals for 16-Bit MCUs
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4135F2-15J Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PSD4135F2-15J Datasheet HTML 5Page - STMicroelectronics PSD4135F2-15J Datasheet HTML 6Page - STMicroelectronics PSD4135F2-15J Datasheet HTML 7Page - STMicroelectronics PSD4135F2-15J Datasheet HTML 8Page - STMicroelectronics PSD4135F2-15J Datasheet HTML 9Page - STMicroelectronics PSD4135F2-15J Datasheet HTML 10Page - STMicroelectronics PSD4135F2-15J Datasheet HTML 11Page - STMicroelectronics PSD4135F2-15J Datasheet HTML 12Page - STMicroelectronics PSD4135F2-15J Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
PSD4000
Architectural
Overview
(cont.)
4.5 ISP via JTAG Port
In-System Programming can be performed through the JTAG pins on Port E. This serial
interface allows complete programming of the entire PSD4000 device. A blank device can
be completely programmed. The JTAG signals (TMS, TCK, TSTAT, TERR, TDI, TDO) can
be multiplexed with other functions on Port E. Table 3 indicates the JTAG signals pin
assignments.
4.6 In-System Programming (ISP)
Using the JTAG signals on Port E, the entire PSD4000 (memory, logic, configuration)
device can be programmed or erased without the use of the microcontroller.
Port E Pins
JTAG Signal
PE0
TMS
PE1
TCK
PE2
TDI
PE3
TDO
PE4
TSTAT
PE5
TERR
Table 3. JTAG Signals on Port E
PSD4000 Series
Preliminary Information
6
4.7 In-Application re-Programming (IAP)
The main Flash memory can also be programmed in-system by the microcontroller
executing the programming algorithms out of the secondary Flash memory, or SRAM.
Since this is a sizable separate block, the application can also continue to operate. The
secondary Flash boot memory can be programmed the same way by executing out of the
main Flash memory. Table 4 indicates which programming methods can program different
functional blocks of the PSD4000.
Device
Functional Block
JTAG-ISP
Programmer
IAP
Main Flash memory
Yes
Yes
Yes
Flash Boot memory
Yes
Yes
Yes
PLD Array (DPLD and GPLD)
Yes
Yes
No
PSD Configuration
Yes
Yes
No
Table 4. Methods of Programming Different Functional Blocks of the PSD4000
4.8 Page Register
The eight-bit Page Register expands the address range of the microcontroller by up to
256 times.The paged address can be used as part of the address space to access
external memory and peripherals or internal memory and I/O. The Page Register can also
be used to change the address mapping of blocks of Flash memory into different memory
spaces for IAP.
4.9 Power Management Unit
The Power Management Unit (PMU) in the PSD4000 gives the user control of the
power consumption on selected functional blocks based on system requirements. The
PMU includes an Automatic Power Down unit (APD) that will turn off device functions due
to microcontroller inactivity. The APD unit has a Power Down Mode that helps reduce
power consumption.
The PSD4000 also has some bits that are configured at run-time by the MCU to reduce
power consumption of the GPLD. The turbo bit in the PMMR0 register can be turned off
and the GPLD will latch its outputs and go to standby until the next transition on its inputs.
Additionally, bits in the PMMR2 register can be set by the MCU to block signals from
entering the GPLD to reduce power consumption. See section 9.5.


Similar Part No. - PSD4135F2-15J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD413A1 STMICROELECTRONICS-PSD413A1 Datasheet
657Kb / 123P
   Low Cost Field Programmable Microcontroller Peripherals
PSD413A1-C-15J STMICROELECTRONICS-PSD413A1-C-15J Datasheet
657Kb / 123P
   Low Cost Field Programmable Microcontroller Peripherals
PSD413A1-C-15L STMICROELECTRONICS-PSD413A1-C-15L Datasheet
657Kb / 123P
   Low Cost Field Programmable Microcontroller Peripherals
PSD413A1-C-15U STMICROELECTRONICS-PSD413A1-C-15U Datasheet
657Kb / 123P
   Low Cost Field Programmable Microcontroller Peripherals
PSD413A1-C-70J STMICROELECTRONICS-PSD413A1-C-70J Datasheet
657Kb / 123P
   Low Cost Field Programmable Microcontroller Peripherals
More results

Similar Description - PSD4135F2-15J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD4235G2 STMICROELECTRONICS-PSD4235G2 Datasheet
703Kb / 89P
   Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD4235G2V STMICROELECTRONICS-PSD4235G2V_09 Datasheet
917Kb / 124P
   Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com